Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 29 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 29 Page - ABB

Back Button PS1/19/30 Datasheet HTML 25Page - ABB PS1/19/30 Datasheet HTML 26Page - ABB PS1/19/30 Datasheet HTML 27Page - ABB PS1/19/30 Datasheet HTML 28Page - ABB PS1/19/30 Datasheet HTML 29Page - ABB PS1/19/30 Datasheet HTML 30Page - ABB PS1/19/30 Datasheet HTML 31Page - ABB PS1/19/30 Datasheet HTML 32Page - ABB PS1/19/30 Datasheet HTML 33Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
30
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
No. of ways
Order codes
4
EPP KIT-LAB04W
8
EPP KIT-LAB08W
12
EPP KIT-LAB12W
16
EPP KIT-LAB16W
20
EPP KIT-LAB20W
24
EPP KIT-LAB24W
—
Labels for outgoing circuits
Description
Order codes
MCB Blank RAL7035 Grey
EPP-BP1
MCB Blank RAL9004 Black
EPP-BP1B
Lock And Key
EPP-LK KEY
Side By Side Connection Kit
EPP-KIT JOIN
Padlock Adaptor
SA 1
Padlock C/W 2 X Keys
SA 2
125A Single Phase Kit
EPP-KIT-1251P*
250A Single Phase Kit
EPP-KIT-2501P**
Trunking adaptor plate
EPP-TRADT
Protecta Plus - Glandplate Plain
EPP-GP-B
Protecta Plus - Glandplate K Os
EPP-GP KO
19 Modules 30 mm Busbar
PS1/19/30
—
Protecta Plus
Order Codes
—
Protecta Plus
Order Codes
Description
Order codes
Protecta Plus Trans Door - 4 ways / 2 rows
EPP-TD-04
Protecta Plus Trans Door - 8 ways / 3 rows
EPP-TD-08
Protecta Plus Trans Door - 12 ways / 4 rows
EPP-TD-12
Protecta Plus Trans Door - 16 ways / 4 rows
EPP-TD-16
Protecta Plus Trans Door - 20 ways / 5 rows
EPP-TD-20
Protecta Plus Trans Door - 24 ways / 6 rows
EPP-TD-24
Protecta Plus Solid Door - 4 ways / 2 rows
EPP-ST-04
Protecta Plus Solid Door - 8 ways / 3 rows
EPP-ST-08
Protecta Plus Solid Door - 12 ways / 4 rows
EPP-ST-12
Protecta Plus Solid Door - 16 ways / 4 rows
EPP-ST-16
Protecta Plus Solid Door - 20 ways / 5 rows
EPP-ST-20
Protecta Plus Solid Door - 24 ways / 6 rows
EPP-ST-24
—
Replacement doors
—
Accessories
* Requires kit EPP-1254P
** Required kit EPP-2504P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com