Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 58 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 58 Page - ABB

Back Button PS1/19/30 Datasheet HTML 54Page - ABB PS1/19/30 Datasheet HTML 55Page - ABB PS1/19/30 Datasheet HTML 56Page - ABB PS1/19/30 Datasheet HTML 57Page - ABB PS1/19/30 Datasheet HTML 58Page - ABB PS1/19/30 Datasheet HTML 59Page - ABB PS1/19/30 Datasheet HTML 60Page - ABB PS1/19/30 Datasheet HTML 61Page - ABB PS1/19/30 Datasheet HTML 62Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
59
—
RCCB F 200 series
Technical features
Features
Specifications
F 200AC
Electrical features
Standards
IEC/EN 61008-1; IEC/EN 61008-2-1, UL 1053 (¹)
Type (wave form of the earth leakage
–
AC
Poles
–
2P, 4P (for 125 A only 4P)
Rated current In
A
16, 25, 40, 63, 80, 100, 125
Rated sensitivity IΔn
A
0.01-0.03-0.1-0.3-0.5
50/60Hz
Rated voltage Ue
V
230/400 - 240/415
V
480Y/277 (up to 100 A
Insulation voltage Ui
–
V
500
Max. operating voltage of circuit test
V
110(185for125A);195forF200leftneutral
170 (150 for 125 A); 300 for F 200 left
neutral for IDn = 30 mA (⁵)
V
277(upto100A);480forF200leftneutral(⁴
Min. operating voltage of circuit test
V
110(185for125A);195forF200leftneutral
170 (150 for 125 A); 300 for F 200 left
neutral for IDn = 30 mA (⁵)
Rated frequency
Hz
50…60
Rated conditional short-circuit current
Inc=IΔ (³)
kA
277 (up to 100 A); 480 for F 200 left
neutral (⁴
Rated residual breaking capacity IΔm=Im
kA
1 (1.25 for 125 A)
Rated impulse withstand voltage (1.2/50) U
imp
kV
4
Dielectric test voltage at ind. freq. for 1 min.
kV
2.5
Overvoltage category
–
III, disconnector abilities
Surge current resistance (wave 8/20)
A
250
Mechanical features Toggle
–
Blue sealable in ON-OFF position
Contact position indicator (CPI)
–
Yes
Electrical life
–
–
10000 (2000 for 125 A)
Mechanical life
–
–
20000 (5000 for 125 A)
Protection degree
Housing
IP4X
Terminals
IP2X
Environmental conditions (damp heat) acc. to IEC/EN 60068-2-
30
°C/RH
28 cycles with 55°C/90-96% and
25°C/95
Ambienttemperature(withdailyaverage≤+35°C)
°C
-25…+55 (-25...+40 for 125A)
Storage temperature
–
°C
-40…+70
Installation
Terminal type
Failsafe bi-directional cylinder-lift terminal at top and bottom
(shock protected) (cage for In > 63A) (2)
Terminal size top/bottom for cable
mm2 25/25(35/35singleslotterminalforIn>63A)
UL/CSA
AWG
18-4 (up to 63A)
Terminal size top/bottom for busbar
IEC
mm2
10/10 (not for In = 80-100A)
UL/CSA
AWG
18-8 (up to 63A)
Tightening torque
Nm
2.8 (3 for In = 125A)
UL/CSA
in-lbs.
25 (up to 63A)
Tool
–
Nr. 2 Pozidriv
Mounting
–
On DIN rail EN 60715 (35mm) by means
of fast clip device
Connection
–
From top and bottom
Withdrawal from busbar
–
It is possible without using any tools only
from the bottom (not for 125A)
Dimensions
and weight
Dimensions (H x D x W)
mm
85 x 69 x 35
Weight
g
200
Combination
with auxiliary
elements
Combinable with:
Auxiliary contact
Yes (no for 125A)
Signal contact/auxiliary switch
Yes
Shunt trip
Yes (no for 125A)
undervoltage release
Yes (no for 125A)
—
Technical features
(¹) Ground-fault sensing and relaying
equipment-component (up to 63 A).
(²) Prior to connection of aluminium
conductors (≥ 4 mm²) ensure that their
contact points are cleaned, brushed
and coated with grease.
(³) For S700-E/K 100A, S750-E 63A,
S750DR-E/K 63A and other SCPD
coordination values see Chapter 3 of
Solutions for electrical distribution in
buildings – technical details.
(⁴) F200 left neutral has not the UL
certification and the UL mark.
(5) Only for versions with marking
according to EN 61008-1; EN 61008-2-1.
R CC B F 2 0 0 SER I E S - T EC H N I C A L FE AT U R E S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com