Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 62 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 62 Page - ABB

Back Button PS1/19/30 Datasheet HTML 58Page - ABB PS1/19/30 Datasheet HTML 59Page - ABB PS1/19/30 Datasheet HTML 60Page - ABB PS1/19/30 Datasheet HTML 61Page - ABB PS1/19/30 Datasheet HTML 62Page - ABB PS1/19/30 Datasheet HTML 63Page - ABB PS1/19/30 Datasheet HTML 64Page - ABB PS1/19/30 Datasheet HTML 65Page - ABB PS1/19/30 Datasheet HTML 66Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
63
EQ M E T ER - A /B SER I E S - W I R I N G D I AG R A M
—
EQ Meter - B series
Wiring diagram
—
Terminal block A41 (A)
—
Terminal block B21
—
Terminal block B23
—
Terminal block A43 (A)
—
Terminal block B24
—
01 Terminal block B21
—
02 Terminal block B23
—
03 Terminal block B24
—
01
—
02
—
03
3
5
L
N
1
3 wire connection, 2 elements
3 4
6 7
9
L1
L2
L3
1
11
3 4
6 7
9
L1
L2
L3
N
1
11
4 wire connection, 3 elements
3 wire connection, 2 elements
3
5
7 8 9
L1
L2
L3
1 2
11
P1
P1
P1
P2
S1
S2
3 4 5 6 7 8 9
L1
L2
L3
N
1 2
11
P1
P1
P1
P1
P2
S1
S2
4 wire connection, 3 elements
Phase in
Phase out
Neutral
1 4 7
3 6 9
11
1
3
5
Phase in
Phase out
Neutral
1 4 7
3 6 9
2 5 8
11
Current in
Voltage
Current out
Neutral
1
5
3
(A & B )
(A & B )
(A & B )
1
11
4
7
9
6
3
11
8
7
5
4
2
1
9
6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com