Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 46 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 46 Page - ABB

Back Button PS1/19/30 Datasheet HTML 42Page - ABB PS1/19/30 Datasheet HTML 43Page - ABB PS1/19/30 Datasheet HTML 44Page - ABB PS1/19/30 Datasheet HTML 45Page - ABB PS1/19/30 Datasheet HTML 46Page - ABB PS1/19/30 Datasheet HTML 47Page - ABB PS1/19/30 Datasheet HTML 48Page - ABB PS1/19/30 Datasheet HTML 49Page - ABB PS1/19/30 Datasheet HTML 50Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
47
Height
mm
Width
mm
Depth
mm
M1
mm
M2
mm
EPP-W304
590
450
125
358
500
EPP-R2036
590
450
125
358
500
EPP-W308
730
450
125
358
640
EPP-R3054
730
450
125
358
640
EPP-W312
870
450
125
358
780
EPP-R4072
870
450
125
358
780
EPP-W316
1,050
450
125
358
960
EPP-R5090
1,050
450
125
358
960
EPP-W320
1,220
450
125
358
1,130
EPP-R6108
1,220
450
125
358
1,130
EPP-W324
1,360
450
125
358
1,270
EPP-R7126
1,360
450
125
358
1,270
—
Type B Distribution boards
Height
mm
Width
mm
Depth
mm
M1
mm
M2
mm
EPP-EB20
200
450
125
358
110
EPP-EB40
400
450
125
358
310
EPP-RW1016
200
450
125
358
110
EPP-RW2032
400
450
125
358
310
EPP-CON
500
450
125
358
410
—
Extension boxes
—
01 Type B
Distribution
boards
—
02 Extension
boxes
—
01
—
02
—
Protecta Plus
Dimensions
P R OTEC TA P LUS – D I M ENS I O NS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com