Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 10 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 10 Page - ABB

Back Button PS1/19/30 Datasheet HTML 6Page - ABB PS1/19/30 Datasheet HTML 7Page - ABB PS1/19/30 Datasheet HTML 8Page - ABB PS1/19/30 Datasheet HTML 9Page - ABB PS1/19/30 Datasheet HTML 10Page - ABB PS1/19/30 Datasheet HTML 11Page - ABB PS1/19/30 Datasheet HTML 12Page - ABB PS1/19/30 Datasheet HTML 13Page - ABB PS1/19/30 Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
10
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
IP20
finger safety.
Easy identification
of the product and
highly resistant
laser marking.
Save your time
all important data
available right
away.
Easy product name,
easy identification.
Quick identification
thanks to laser printed
EAN marking.
Contact position
indication
Captive screws
don’t loose what’s
important to you.
—
Key modular components - MCB S 200
State-of-the-art safety
Twin terminal
for separate
feeding of busbar
and conductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com