Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 61 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 61 Page - ABB

Back Button PS1/19/30 Datasheet HTML 57Page - ABB PS1/19/30 Datasheet HTML 58Page - ABB PS1/19/30 Datasheet HTML 59Page - ABB PS1/19/30 Datasheet HTML 60Page - ABB PS1/19/30 Datasheet HTML 61Page - ABB PS1/19/30 Datasheet HTML 62Page - ABB PS1/19/30 Datasheet HTML 63Page - ABB PS1/19/30 Datasheet HTML 64Page - ABB PS1/19/30 Datasheet HTML 65Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
62
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
EQ Meter - A series
Wiring diagram
—
Terminal block A41 (A)
3 4
L
N
1
6
—
Terminal block A43 (A)
3 wire connection, 2 elements
3 4
6 7
9
L1
L2
L3
1
12
10
3 4
6 7
9
L1
L2
L3
N
1
12
10
4 wire connection, 3 elements
OK
SET
—
01 Terminal block A41
—
02 Terminal block A43
—
03 Terminal block A44
—
01
—
02
—
03
(A)
(A)
(A)
(B)
(B)
(B)
(C)
(C)
(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com