Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 37 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 37 Page - ABB

Back Button PS1/19/30 Datasheet HTML 33Page - ABB PS1/19/30 Datasheet HTML 34Page - ABB PS1/19/30 Datasheet HTML 35Page - ABB PS1/19/30 Datasheet HTML 36Page - ABB PS1/19/30 Datasheet HTML 37Page - ABB PS1/19/30 Datasheet HTML 38Page - ABB PS1/19/30 Datasheet HTML 39Page - ABB PS1/19/30 Datasheet HTML 40Page - ABB PS1/19/30 Datasheet HTML 41Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
38
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
Metering EQ series
Order codes
80A TPN 7mod
Description
Order codes
Pulse output
A43 111 - 100
Pulse output, RS-485
A43 112 - 100
Pulse output, M-Bus
A43 113 - 100
2 output, 2 input, RS-485
A43 312 - 100
2 output, 2 input, M-Bus
A43 313 - 100
—
A series - A43
80A SPN 4mod
Description
Order codes
Pulse output
A41 111 - 100
Pulse output, RS-485
A41 112 - 100
Pulse output, M-Bus
A41 113 - 100
2 output, 2 input, RS-485
A41 312 - 100
2 output, 2 input. M-Bus
A41 313 - 100
—
A series - A41
65A SPN 2mod
Description
Order codes
Pulse output
B21 111 - 100
Pulse output, RS-485
B21 112 - 100
Pulse output, M-Bus
B21 113 - 100
2 output, 2 input, RS-485
B21 312 - 100
2 output, 2 input, M-Bus
B21 313 - 100
—
B series - B21
65A TPN 4mod
Description
Order codes
Pulse output
B23 111 - 100
Pulse output, RS-485
B23 112 - 100
Pulse output, M-Bus
B23 113 - 100
2 output, 2 input, RS-485
B23 312 - 100
2 output, 2 input, M-Bus
B23 313 - 100
—
B series - B23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com