Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 54 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 54 Page - ABB

Back Button PS1/19/30 Datasheet HTML 50Page - ABB PS1/19/30 Datasheet HTML 51Page - ABB PS1/19/30 Datasheet HTML 52Page - ABB PS1/19/30 Datasheet HTML 53Page - ABB PS1/19/30 Datasheet HTML 54Page - ABB PS1/19/30 Datasheet HTML 55Page - ABB PS1/19/30 Datasheet HTML 56Page - ABB PS1/19/30 Datasheet HTML 57Page - ABB PS1/19/30 Datasheet HTML 58Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
55
M C B - T EC H N I C A L FE AT U R E S
—
MCB
S 200 80A-100A series technical features
General Data
S 200 80A-100A
Standards
IEC/EN 60898-1, IEC/EN 60947-2
Poles
1P, 2P, 3P, 4P, 1P+N, 3P+N
Tripping characteristics
B, C
Rated current I
n
80 A, 100 A
Rated frequency f
50/60 Hz
Rated insulation voltage Ui acc. to IEC/EN 60664-1 (VDE 0110-1) 440 V AC
Overvoltage category
III
Pollution degree
2
IEC/EN 60898-1 (VDE 0641-11)
Rated operational voltage U
n
1P: 230/400 V AC; 1P+N: 230 V AC; 2P, 3P, 4P, 3P+N: 400 V AC
Max. power frequency recovery voltage U
max
1P: 253/440 V AC; 1P+N: 253 V AC; 2P, 3P, 4P, 3P+N: 440 V AC
Min. operating voltage
12 V AC
Rated short-circuit capacity I
cn
6 kA
Rated impulse withstand voltage U
imp (1.2/50µs)
4 kV (test voltage 6.2 kV at sea level, 5 kV at 2,000 m)
Dielectrical test voltage
2 kV (50/60 Hz, 1 min.)
Reference temperature for tripping characteristics
B, C: 30 °C
Electrical endurance
10,000 ops. (AC); one cycle 2 s - ON, 28 s - OFF
IEC/EN 60947-2 (VDE 0660-101)
Rated operational voltage U
e
1P, 1P+N: 230 V AC; 2P, 3P, 4P, 3P+N: 400 V AC
Max. power frequency recovery voltage U
max
1P, 1P+N: 253 V AC; 2P, 3P, 4P, 3P+N: 440 V AC
Min. operating voltage
12 V AC
Rated ultimate short-circuit breaking capacity I
cu
6 kA
Rated service short-circuit breaking capacity I
cs
6 kA
Rated impulse withstand voltage U
imp (1.2/50 µs)
4 kV (test voltage 6.2 kV at sea level, 5 kV at 2,000 m)
Dielectrical test voltage
2 kV (50/60 Hz, 1 min.)
Reference temperature for tripping characteristics
B, C: 55 °C
Electrical endurance
10,000 ops. (AC); one cycle 2 s - ON, 28 s - OFF
Mechanical data
Housing
Insulation group I, RAL 7035
Toggle
Insulation group II, black, sealable
Contact position indication
Real CPI (red ON/green OFF)
Protection degree acc. to DIN EN 60529
IP20(1), IP40 in enclosure with cover
Mechanical endurance
20,000 ops.
Shock resistance acc. to DIN EN 60068-2-27
25 g, 2 shocks, 13 ms
Vibration resistance acc. to DIN EN 60068-2-6
5 g, 20 cycles at 5…150…5 Hz at 0.8 I
n
Environmental conditions (Damp heat cyclic) acc. to DIN EN
60068-2-30
28 cycles with 55 °C/90-96 % and 25 °C/95-100 %
Ambient temperature
-25 ... +55 °C
Storage temperature
-40 ... +70 °C
—
Technical features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com