Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 65 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 65 Page - ABB

Back Button PS1/19/30 Datasheet HTML 61Page - ABB PS1/19/30 Datasheet HTML 62Page - ABB PS1/19/30 Datasheet HTML 63Page - ABB PS1/19/30 Datasheet HTML 64Page - ABB PS1/19/30 Datasheet HTML 65Page - ABB PS1/19/30 Datasheet HTML 66Page - ABB PS1/19/30 Datasheet HTML 67Page - ABB PS1/19/30 Datasheet HTML 68Page - ABB PS1/19/30 Datasheet HTML 69Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
66
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Control Unit CMS-700
Supply voltage
[V AC]
80 – 277 (L1-N, +5%)
Frequency
[Hz]
50 / 60
Power input (L1-N)
[W]
5 ... 40 (dep. on number of sensors)
Power input, current transformer,
secondary side
[VA]
Current circuit <2 (per phase)
Voltage measurement range
[V AC]
80 – 277 (L1, L2, L3-N)
Measurement range, current transformer,
[A]
nominal: 5, max.: 6
Harmonic component
[Hz]
up to 2000
Data rate of Modbus RTU
[Baud]
RS485 2-wire, 2400 ... 115 200
Refresh time
≤1 sec with max. 96 sensors
LAN
[Mbit/s]
100
Conductor cross-section
[mm 2]
0.5 ... 2.5
Mounting method
35 mm DIN rail (DIN 50022)
Degree of protection
IP20
Dimensions
[mm]
160.0 x 87.0 x 64.9 (9 WM)
Operating temperature
[°C]
− 25 ... +60
Bearing temperature
[°C]
− 40 ... +85
Standards
IEC61010-1
UL 508/ CSA C22.2 No. 14
Main circuit accuracy
Voltage
± 1 %
Current
± 1 %
Harmonic component
1 %
Active power
± 2 %
Apparent power
± 2 %
Reactive power
± 2 %
Power factor
± 0.2 %
Control Unit CMS-600 – «Modbus RTU»Unit 600
Supply voltage
[V DC]
24 (± 10 %)
Power input
[W]
4 – 24 (dep. on number of sensors)
Interface
RS485 2-wire
Protocol
Modbus RTU
Data rate
[Baud]
2400 ... 115200
Refresh time
≤1 sec with max. 64 sensors
Insulation strength
[V AC]
400
Screw-type terminals
0.5 ... 2.5 mm2, max. 0.6 Nm
Mounting method
35 mm DIN rail (DIN 50022) or SMISSLINE TP plug base
Dimensions
[mm]
71.8 x 87.0 x 64.9 (4 WM)
Operating temperature
[°C]
− 25 ... +70
Bearing temperature
[°C]
− 40 ... +85
Standards
IEC 61010-1 UL 508/ CSA C22.2 No. 14
—
Control unit CMS 600
—
Control unit CMS 700
—
Circuit Monitoring System - CMS
Technical features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com