Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1/19/30 Datasheet(PDF) 28 Page - ABB

Part # PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Datasheet(HTML) 28 Page - ABB

Back Button PS1/19/30 Datasheet HTML 24Page - ABB PS1/19/30 Datasheet HTML 25Page - ABB PS1/19/30 Datasheet HTML 26Page - ABB PS1/19/30 Datasheet HTML 27Page - ABB PS1/19/30 Datasheet HTML 28Page - ABB PS1/19/30 Datasheet HTML 29Page - ABB PS1/19/30 Datasheet HTML 30Page - ABB PS1/19/30 Datasheet HTML 31Page - ABB PS1/19/30 Datasheet HTML 32Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
29
—
Protecta Plus
Order Codes
P R OT EC TA P LUS – O R D ER CO D E S
Pack contents: Row type boards
• Fixings
• DIN rail / mounting plate
• RAL7035 textured finish
Description
Order codes
Protecta Plus - Row Type N-Bar 9
EPP-N-09
Protecta Plus - Row Type N-Bar 13
EPP-N-13
Protecta Plus - Row Type N-Bar 17
EPP-N-17
Protecta Plus - Row Type N-Bar 21
EPP-N-21
Protecta Plus - Row Type E-Bar 9
EPP-PE-09
Protecta Plus - Row Type E-Bar 13
EPP-PE-13
Protecta Plus - Row Type E-Bar 17
EPP-PE-17
Protecta Plus - Row Type E-Bar 21
EPP-PE-21
—
Additional N/PE for side extension boxes
No. of modules
No. of
rows
Sided
width
Dimension
Height
Order codes
36
2
4way DB
590
EPP-R2036
54
3
8way DB
730
EPP-R3054
72
4
12way DB
870
EPP-R4072
90
5
16way DB
1050
EPP-R5090
108
6
20way DB
1220
EPP-R6108
126
7
24way DB
1360
EPP-R7126
—
Row type extension boxes
Description
Order codes
Protecta Plus - Top Shroud
EPP-TC
Protecta Plus Mains TS - 4 Way
EPP-MTCO4
Protecta Plus Mains TS - 8 Way
EPP-MTCO8
Protecta Plus Mains TS - 12 Way
EPP-MTC12
Protecta Plus Mains TS - 16 Way
EPP-MTC16
Protecta Plus Mains TS - 20 Way
EPP-MTC20
Protecta Plus Mains TS - 20 Way
EPP-MTC24
—
Terminal cover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com