Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 54 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 54 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 58Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
w w w. g e e h y. c o m
P a g e 53
TS (cycle)
tS(
μs)
Maximum RAIN
(kΩ)
1.5
0.11
1.2
7.5
0.54
10
13.5
0.96
19
28.5
2.04
41
41.5
2.96
60
55.5
3.96
80
71.5
5.11
104
239.5
17.1
350
1.
Guaranteed by design and not tested in production.
Table43 ADC Accuracy (1) (2)
Symbol
Parameter
Test conditions
Typical
value
Maximum
value (3)
Unit
ET
Composite error
fPCLK2=56MHz,
fADC=14MHz,RAIN
<10KΩ,
VDDA=2.4~3.6V,TA=-40~105℃
Measurement is conducted after
ADC calculation
±2.5
±4.5
LSB
EO
Offset error
±1.0
±2
EG
Gain error
±2.0
±3.5
ED
Differential linear
error
±1.5
±3
EL
Integral linear
error
±2.5
±4
1.
DC accuracy value of ADC is measured after internal calibration.
2.
The backward injection of current will significantly affect the ADC accuracy. It is recommended to add a
Schottky diode (between the pin and the ground) on the standard analog pin that may generate
backward injection of current.
As long as the forward injection current is within the range of IINJ (PIN)
and ΣIINJ (PIN) given in 5.9, the ADC
accuracy will not be affected.
3.
It is assessed value.
5.12.1.2 Test of Built-in Reference Voltage Characteristics
Table44 Built-in Reference Voltage Characteristics
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com