Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 41 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 41 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
w w w. g e e h y. c o m
P a g e 40
Note: The data are obtained from a comprehensive evaluation and are not tested in production.
5.7.6
Peripheral power consumption
Peripheral power consumption = current that enables the peripheral clock-current that disables
the peripheral clock.
Table30 Peripheral Power Consumption
Parameter
Peripheral Clock
Typical value (1) TA=25℃, VDD=3.3V
Unit
AHB
DMA1
0.29
mA
CRC
0.28
APB1
TMR2
0.42
TMR3
0.48
TMR4
0.55
WWDT
0.17
IWDT
0.29
SPI2
0.23
USART2
0.39
USART3
0.43
I2C1
0.35
I2C2
0.43
USBD
0.74
CAN1
0.49
CAN2
0.40
BAKPR
0.28
PMU
0.46
APB2
GPIOA
0.28
GPIOB
0.28
GPIOC
0.31
GPIOD
0.41
GPIOE
0.31
ADC1
0.66
ADC2
0.62
TMR1
0.71
SPI1
0.33
USART1
0.53
Note: The data are obtained from a comprehensive evaluation and are not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com