Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 72 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 72 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 68Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 69Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 70Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 71Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 72Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 73Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 74Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 75Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 76Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
w w w . g e e h y. c o m
P a g e 71
8 Ordering Information
Figure 34 APM32F103xB Series Ordering Information Diagram
Example:
Device family
APM32 = Arm-based 32-bit microcontroller
APM32
Product type
F = Foundation
Device subfamily
103 = Foundation
103
Pin count
T = 36 pins
C = 48 pins
R = 64 pins
V = 100 pins
C
Flash memory size
B
Package
T=LQFP
U=QFN
T
Temperature range
6 = Industrial temperature range, –40 to 85
7 = Industrial temperature range, –40 to 105
6
Options
xxx= programmed parts
R = tape and real
Blank = tray
XXX
8 = 64 Kbytes of Flash memory
B = 128 Kbytes of Flash memory
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com