Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 38 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 38 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
w w w. g e e h y. c o m
P a g e 37
5.7.2
Power consumption in operation mode
Table25 Power consumption of data processing code running in Flash in operation mode
Parameter
Condition
fHCLK
Typical value (1)
Maximum value (1)
TA=25℃,VDD=3.3V
TA=105℃,VDD=3.6V
IDDA
(μA)
IDD (mA)
IDDA
(μA)
IDD (mA)
Power
consumption in
operation
mode
External clock (2), enabling all
peripherals
96MHz
206.26
30.47
247.93
35.64
72MHz
131.44
25.26
155.42
25.36
48MHz
97.02
17.99
119.82
20.82
36MHz
73.59
13.79
95.39
15.68
24MHz
54.06
9.89
74.46
11.54
16MHz
42.85
6.82
62.58
8.14
8MHz
2.66
3.64
5.8
4.61
External clock (2), disabling all
peripherals
96MHz
205.98
20.02
242.41
22.74
72MHz
130.91
14.99
153.66
16.74
48MHz
96.92
12.67
114.87
14.33
36MHz
73.54
9.69
89.39
11.05
24MHz
54.06
7.21
68.85
8.45
16MHz
42.85
5.06
57.38
6.11
8MHz
2.66
2.75
5.68
3.63
1.
The data are obtained from a comprehensive evaluation and are not tested in production.
2.
The external clock is 8MHz. When fHCLK > 8MHz, the PLL is enabled.
Table26 Power consumption of data processing code running in RAM in operation mode
Parameter
Condition
fHCLK
Typical value (1)
Maximum value (1)
TA=25℃,VDD=3.3V
TA=105℃,VDD=3.6V
IDDA
(μA)
IDD (mA)
IDDA
(μA)
IDD (mA)
Power
consumption in
operation
mode
External clock (2), enabling all
peripherals
96MHz
206.68
29.97
250.48
59.83
72MHz
131.66
20.61
161.87
24.58
48MHz
97.59
15.71
122.43
67.9
36MHz
74.15
11.95
96.93
14.16
24MHz
54.80
8.36
72.68
9.93
16MHz
43.44
5.68
60.53
6.97
8MHz
2.63
3.07
11
3.96
External clock (2), disabling all
peripherals
96MHz
183.81
22.82
245.72
27.37
72MHz
117.42
17.14
159.32
18.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com