Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 63 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 63 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 59Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 60Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 61Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 62Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 63Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 64Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 65Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 66Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 67Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
w w w. g e e h y. c o m
P a g e 62
Table48 LQFP48 Package Data
DIMENSION LIST(FOOTPRINT: 2.00)
S/N
SYM
DIMENDIONS
REMARKS
1
A
MAX. 1.60
OVERALL HEIGHT
2
A1
0.1±0.05
STANDOFF
3
A2
1.40±0.05
PKG THICKNESS
4
D
9.00±0.20
LEAD TIP TO TIP
5
D1
7.00±0.10
PKG LENGTH
6
E
9.00±0.20
LEAD TIP TO TIP
7
E1
7.00±0.10
PKG WDTH
8
L
0.60±0.15
FOOT LENGTH
9
L1
1.00 REF
LEAD LENGTH
10
T
0.15
LEAD THICKNESS
11
T1
0.127±0.03
LEAD BASE METAL THICKNESS
12
a
0°~7°
FOOT ANGLE
13
b
0.22±0.02
LEAD WIDTH
14
b1
0.20±0.03
LEAD BASE METAL WIDTH
15
e
0.50 BASE
LEAD PITCH
16
H(REF.)
(5.50)
CUM. LEAD PITCH
17
aaa
0.2
PROFILE OF LEAD TIPS
18
bbb
0.2
PROFILE OF MOLD SURFACE
19
ccc
0.08
FOOT COPLANARITY
20
ddd
0.08
FOOT POSITION
1.
Dimensions are expressed in mm.
+0.05
-
0
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com