Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 34 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 34 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
w w w. g e e h y. c o m
P a g e 33
Figure 11 Typical Applications Using 8MHz Crystals
偏置控制增益
CL1
CL2
8MHz
共振器
OSC-IN
OSC-OUT
fHSECLK
RF
5.5.1.2
A low-speed external clock generated using a crystal/ceramic resonator
The low-speed external clock (LSECLK) can be generated using a 32.768 kHz crystal/ceramic
resonator. The following table shows the information of evaluated external devices. In the
applications, the resonator and load capacitor must be as close to the oscillator pins as possible
to reduce distortion and stable time of startup. For detailed parameters (frequency, package,
precision, etc.) of crystal resonator, please consult the corresponding manufacturer
Table20 LSECLK Oscillator Characteristics (fLSECLK =32.768KHz) (1)
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit
fOSC_IN
Oscillator frequency
-
-
32.768
-
KHz
RF
Feedback resistance
-
-
2
-
MΩ
CL1&
CL2(2)
Recommended load
capacitance and
corresponding crystal serial
impedance (RS) (3)
RS
= 30kΩ
-
-
15
pF
i2
LSECLK drive current
VDD=3.3V,
VIN=VSS
-
-
0.1
μA
tSU(LSECLK)(4)
Start Time
VDD is stable
-
2.03
-
s
1.
This table is assessment table.
2.
See prompt and warning paragraphs.
3.
A high-quality oscillator with a small RS value (such as MSIV-TIN 32.768kHz) can be selected to
optimize the current consumption. Please consult the crystal manufacturer for details.
4.
tSU(HSECLK) is the startup time, which defines the time when LSECLK is enabled by software to the
time when stable oscillation at 32.768KHz is obtained. This value is measured using a standard
crystal resonator, which may vary greatly due to different crystal manufacturers.
Prompt: It is recommended that high-quality ceramic dielectric capacitors between 5pF and
15pF should be selected for CL1 and CL2, and the capacitance value selected should meet the
requirements of crystals or resonators. Generally, CL1 and CL2 have the same parameters. The
load capacitance parameters usually given by crystal manufacturers are the serial combination
values of CL1 and CL2. The calculation formula of load capacitance CL: CL = CL1 x CL2 / (CL1 +
oscillator
offset control gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com