Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 55 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 55 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 58Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 59Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
w w w. g e e h y. c o m
P a g e 54
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit
VREFINT(1)
Built-in Reference Voltage
-40℃ < TA < +125℃
VDD= 2-3.6 V
1.16
1.21
1.26
V
TS_vrefint(2)
Sampling time of ADC
when reading out internal
reference voltage
-
-
5.1
17.1
μs
VREFINT
Change of built-in
reference voltage value in
the full temperature range
VDD=3V±10mV
-
-
10
mV
TCoeff
-
-
-
-
126
ppm/
℃
1.
The data are obtained from a comprehensive evaluation and are not tested in production.
2.
Guaranteed by design and not tested in production.
5.13
Temperature sensor characteristics
Table45 Temperature Sensor Characteristics
Symbol
Parameter
Minimum
value
Typical
value
Maximum
value
Unit
Avg_Slope(1)
Average slope (VDD = 3.3V, TA = -40~105
℃)
2.7
3.6
3.9
mV/ºC
V25
Voltage at 25ºC (VDD = 2.0-3.6V)
1.38
1.41
1.45
V
tSTART(2)
Setup time
4
-
10
μs
TS_temp(2)(3)
ADC sampling time when reading the
temperature
-
-
17.1
μs
1.
Guaranteed by characteristic analysis and not tested in production.
2.
Guaranteed by design and not tested in production.
3.
The minimum sampling time can be determined by multiple loops in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com