Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 39 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 39 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
w w w. g e e h y. c o m
P a g e 38
Parameter
Condition
fHCLK
Typical value (1)
Maximum value (1)
TA=25℃,VDD=3.3V
TA=105℃,VDD=3.6V
IDDA
(μA)
IDD (mA)
IDDA
(μA)
IDD (mA)
48MHz
96.67
10.45
119.9
14.42
36MHz
73.502
8.02
93.38
11.25
24MHz
54.12
5.61
72.03
8.06
16MHz
43.17
3.98
59.51
6.01
8MHz
2.65
2.28
12.95
3.81
1.
The data are obtained from a comprehensive evaluation and are not tested in production.
2.
The external clock is 8MHz. When fHCLK > 8MHz, the PLL is enabled.
5.7.3
Power consumption in sleep mode
Table27 Power consumption of code running in Flash or RAM in sleep mode
Parameter
Condition
fHCLK
Typical value (1)
Maximum value (1)
TA=25℃,VDD=3.3V
TA=105℃,VDD=3.6V
IDDA
(μA)
IDD (mA)
IDDA
(μA)
IDD (mA)
Power
consumption in
sleep mode
External clock (2), enabling all
peripherals
96 MHz
205.89
18.77
242.73
20.99
72MHz
130.77
12.92
153.78
14.38
48MHz
96.77
9.93
114.87
10.97
36MHz
73.42
7.68
89.42
9.69
24MHz
53.85
5.36
68.74
6.14
16MHz
42.64
3.83
57.25
4.57
8MHz
2.65
2.12
5.7
2.84
External clock (2), disabling all
peripherals
96 MHz
205.62
7.13
242.64
8.17
72MHz
130.66
5.02
153.71
5.91
48MHz
96.68
3.95
114.84
4.76
36MHz
73.36
3.14
89.36
3.89
24MHz
53.82
2.34
68.73
3.08
16MHz
42.61
1.8
57.25
2.52
8MHz
2.65
1.16
5.71
1.83
1.
The data are obtained from a comprehensive evaluation and are not tested in production.
2.
The external clock is 8MHz. When fHCLK > 8MHz, the PLL is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com