Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 48 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 48 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
w w w. g e e h y. c o m
P a g e 47
Symbol
Parameter
Condition
Minimum
value
Maximum
value
Unit
tdis(SO)(2)(4)
Disable time of data output
Slave Mode
12
-
ns
tv(SO)(2)(1)
Effective time of data output
Slave mode (after enabling the
edge)
-
19.3
ns
tv(MO)(2)(1)
Effective time of data output
Master mode (after enabling the
edge)
-
7.6
ns
th(SO)(2)
Data output hold time
Slave mode (after enabling the
edge)
10.7
-
ns
th(MO)(2)
Master mode (after enabling the
edge)
2
-
1.
The SPI1 feature of remapping needs to be further determined.
2.
The data are calculated and are not tested in production.
3.
The minimum value represents the minimum time to drive the output, and the maximum value
represents the maximum time to make the data valid.
4.
The minimum value represents the minimum time to disable the output, and the maximum value
represents the maximum time to put the data cable in high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com