Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 47 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 47 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
w w w. g e e h y. c o m
P a g e 46
Figure 14 Bus AC Waveform and Measurement Circuit
I²C总线
VDD
VDD
4.7KΩ
4.7KΩ
SCL
SDA
重复的开始条件
开始条件
tsu(STA)
tsu(STO)
tsu(STO:STA)
停止条件
开始条件
th(SDA)
tf(STA)
SDA
tr(SDA)
tsu(SDA)
tf(SCL)
tf(SCL)
tw(SCLL)
SCL
th(STA)
tw(SCLH)
MCU
Note: The measuring points are set at CMOS levels: 0.3VDD and 0.7VDD.
5.11.2 SPI peripheral characteristics
Table38 SPI Characteristics (TA=25℃, VDD=3.3V)
Symbol
Parameter
Condition
Minimum
value
Maximum
value
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master Mode
-
18
MHz
Slave Mode
-
18
tr(SCK)
tf(SCK)
SP clock rise and fall time
Load capacitance: C = 30pF
-
7.1
ns
tsu(NSS)(2)
NSS setup time
Slave mode, fPCLK= 36MHz
111.4
-
ns
th(NSS)(2)
NSS hold time
Slave mode, fPCLK= 36MHz
55.6
-
ns
tw(SCKH)(2)
tw(SCKL)(2)
SCK high and low time
Main mode, fPCLK = 36MHz,
Prescaler factor=4
55.1
55.9
ns
tsu(MI)(2)
tsu(SI)(2)
Data input setup time
Master Mode
10.9
-
ns
Slave Mode
21.3
-
th(MI)(2)
th(SI)(2)
Data input hold time
Master Mode
35
-
ns
Slave Mode
25
-
ta(SO)(2)(3)
Data output access time
Slave mode, fPCLK = 20MHz
6.5
8.7
ns
Bus
Start repeated
Start
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com