Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103T8U6-R Datasheet(PDF) 73 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103T8U6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103T8U6-R Datasheet(HTML) 73 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103T8U6-R Datasheet HTML 69Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 70Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 71Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 72Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 73Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 74Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 75Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 76Page - Geehy Semiconductor Co., Ltd. APM32F103T8U6-R Datasheet HTML 77Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
w w w . g e e h y. c o m
P a g e 72
Table52 Ordering Information Table
Order Code
FLASH(KB)
SRAM(KB)
Package
SPQ
Temperature range
APM32F103T8U6-R
64
36
QFN36
2500
Industrial grade -40℃~85℃
APM32F103T8U6
64
36
QFN36
4900
Industrial grade -40℃~85℃
APM32F103TBU6-R
128
36
QFN36
2500
Industrial grade -40℃~85℃
APM32F103TBU6
128
36
QFN36
4900
Industrial grade -40℃~85℃
APM32F103TBU7-R
128
36
QFN36
2500
Industrial grade -40℃~105℃
APM32F103TBU7
128
36
QFN36
4900
Industrial grade -40℃~105℃
APM32F103C8T6-R
64
36
LQFP48
2000
Industrial grade -40℃~85℃
APM32F103C8T6
64
36
LQFP48
2500
Industrial grade -40℃~85℃
APM32F103CBT6-R
128
36
LQFP48
2000
Industrial grade -40℃~85℃
APM32F103CBT6
128
36
LQFP48
2500
Industrial grade -40℃~85℃
APM32F103R8T6-R
64
36
LQFP64
1000
Industrial grade -40℃~85℃
APM32F103R8T6
64
36
LQFP64
1600
Industrial grade -40℃~85℃
APM32F103RBT6-R
128
36
LQFP64
1000
Industrial grade -40℃~85℃
APM32F103RBT6
128
36
LQFP64
1600
Industrial grade -40℃~85℃
APM32F103RBT7-R
128
36
LQFP64
1000
Industrial grade -40℃~105℃
APM32F103RBT7
128
36
LQFP64
1600
Industrial grade -40℃~105℃
APM32F103V8T6
64
36
LQFP100
900
Industrial grade -40℃~85℃
APM32F103VBT6
128
36
LQFP100
900
Industrial grade -40℃~85℃
1.
SPQ=Smallest Packaging Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com