Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 60 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 60 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 58Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 59Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 60Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 61Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 62Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 63Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 64Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
w w w. g e e h y. c o m
P a g e 59
Table47 LQFP64 Package Data
DIMENSION LIST(FOOTPRINT: 2.00)
S/N
SYM
DIMENDIONS
REMARKS
1
A
MAX. 1.600
OVERALL HEIGHT
2
A1
0.100±0.050
STANDOFF
3
A2
1.400±0.050
PKG THICKNESS
4
D
12.000±0.200
LEAD TIP TO TIP
5
D1
10.000±0.100
PKG LENGTH
6
E
12.000±0.200
LEAD TIP TO TIP
7
E1
10.000±0.100
PKG WDTH
8
L
0.600±0.150
FOOT LENGTH
9
L1
1.000 REF
LEAD LENGTH
10
T
0.150
LEAD THICKNESS
11
T1
0.127±0.030
LEAD BASE METAL THICKNESS
12
a
0°~7°
FOOT ANGLE
13
b
0.220±0.050
LEAD WIDTH
14
b1
0.200±0.030
LEAD BASE METAL WIDTH
15
e
0.500 BASE
LEAD PITCH
16
H(REF.)
(7.500)
CUM. LEAD PITCH
17
aaa
0.2
PROFILE OF LEAD TIPS
18
bbb
0.2
PROFILE OF MOLD SURFACE
19
ccc
0.08
FOOT COPLANARITY
20
ddd
0.08
FOOT POSITION
1.
Dimensions are expressed in mm.
+0.05
-0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com