Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 20 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 20 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
w w w. g e e h y. c o m
P a g e 19
4.3.2
External Interrupt/Event Controller (EINT)
The external interrupt/event controller consists of 19 edge detectors that generate
event/interrupt requests. Its trigger events (rising edge or falling edge or double edge) can be
independently configured or shielded; there is a suspend register that maintains the status of
all interrupt requests. Up to 80 general-purpose I/O can be connected to 16 external interrupt
lines. EINT can detect that the pulse width is less than the clock cycle of the internal APB2.
4.4
Memory
The memory includes main memory area, SRAM and information block; the information block
includes system memory area and option byte; the system memory area stores BootLoader,
96-bit unique device ID and capacity information of main memory area; the system memory area
has been written into the program when leaving the factory and cannot be erased.
Table5
Memory
Maximum
bytes
Function
Main memory area
128 KB
Store user programs and data
SRAM
36KB
Can be accessed by byte, half word (16 bits) or word (32 bits).
System memory
area
2 KB
Store BootLoader, 96-bit unique device ID, and main memory area
capacity information
Option byte
16Bytes
Configure main memory area read-write protection and MCU
working mode
4.5
Clock
4.5.1
Clock tree
The clock tree of APM32F103xB series is shown in the figure below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com