Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 29 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 29 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
w w w. g e e h y. c o m
P a g e 28
Figure 9 Pin Input Voltage Measurement Scheme
VIN
APM32F103XX PIN
Figure 10 Current Consumption Measurement Scheme
VDD
VDDA
IDD
VBAT
AFM32F103XX PIN
IDD_VBAT
Vref
5.2
Test under general operating conditions
Table11 General Operating Conditions
Symbol
Parameter
Condition
Minimum
value
Maximum
value
Unit
fHCLK
Internal AHB clock frequency
-
0
96
MHz
fPCLK1
Internal APB1 clock frequency
-
0
48
fPCLK2
Internal APB2 clock frequency
-
0
96
VDD
Standard operating voltage
-
2
3.6
V
VDDA(1)
Working voltage of analog part (ADC is not
used)
Must be the same
as VDD (2)
2
3.6
V
Working voltage of analog part (ADC is
used)
2.4
3.6
VBAT
Working voltage of backup part
-
1.6
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com