Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 33 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 33 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
w w w. g e e h y. c o m
P a g e 32
5.5
Clock
5.5.1
Characteristics of external clock source
5.5.1.1
A high-speed external clock generated crystal/ceramic resonator
A high-speed external clock (HSECLK) can be generated using a 4~16MHz crystal/ceramic
resonator. The following table shows the information of evaluated external devices. In the
applications, the resonator and load capacitor must be as close to the oscillator pins as
possible to reduce distortion and stable time of startup. For detailed parameters (frequency,
package, precision, etc.) of crystal resonator, please consult the corresponding manufacturer.
Table19 HSECLK4~16MHz Oscillator Characteristics (1) (2)
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit
fOSC_IN
Oscillator frequency
-
4
8
16
MHz
RF
Feedback resistance
-
-
400
-
kΩ
CL1&
CL2(3)
Recommended load
capacitance and
corresponding crystal
serial impedance (RS) (4)
RS
= 30kΩ
-
30
-
pF
i2
HSECLK drive current
VDD=3.3V,VIN=VSS
30pF load
-
-
1.1
mA
gm
Transconductance of
oscillator
Start
25
-
-
mA/V
tSU(HSECLK)(5)
Start Time
VDD is stable
-
1.33
-
ms
1.
The characteristic parameters of the resonator are given by the manufacturer of crystal/ceramic
resonator.
2.
The above is obtained through comprehensive evaluation.
3.
It is recommended that high-quality ceramic capacitors between 5pF and 25pF (typical value)
designed for high frequency applications should be used for CL1 and CL2, and the capacitance
value selected should meet the requirements of crystals or resonators. Typically, CL1 and CL2
have the same parameters. The load capacitance parameters usually given by crystal
manufacturers are the serial combination values of CL1 and CL2. When selecting CL1 and CL2, the
capacitive reactance of PCB and MCU pins shall be considered (usually the capacitance is
estimated at 10pF).
4.
Relatively low RF resistance value should be adopted when it is used in wet environment.
However, if the MCU is used in a harsh humid environment, attention should be paid to protection
during design.
5.
tSU(HSECLK) is the startup time, which defines the time when HSECLK is enabled by software to the
time when stable oscillation at 8MHz is obtained. This value is measured using a standard crystal
resonator, which may vary greatly due to different crystal manufacturers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com