Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 22 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 22 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
w w w. g e e h y. c o m
P a g e 21
4.5.3
RTC and backup register
RTC has a set of continuously running counters, which can provide calendar, alarm interrupt
and periodic interrupt functions together with software. Its clock source can be an external
32.768KHz crystal oscillator, an internal 40KHz low-speed RC oscillator or an external
high-speed clock with 128 frequency division. In addition, RTC clock error can be calibrated by
a 512Hz signal.
Backup register of 10 16-bit registers is used to save 20 bytes of user data when VDD is
disabled.
RTC and backup register are powered by VDD when VDD is valid; otherwise, they are powered
by VBAT pin. Reset of system or power reset source and wake-up from standby mode will not
cause reset of RTC and backup register.
4.6
Power supply and power supply management
4.6.1
Power supply scheme
Table6 Power Supply Scheme
Name
Voltage range
Description
VDD
2.0~3.6V
VDD powers IO interface directly, and powers core circuit through voltage
regulator.
VDDA
2.4~3.6V
It is connected to VDD, and supplies power to ADC, reset module, RC oscillator
and PLL analog part. When ADC is used, VDDA is greater than or equal ato 2.4V.
VDDA and VSSA should be connected to VDD and VSS respectively.
VBAT
1.8~3.6V
When VDD is disabled, RTC, external 32KHz oscillator and backup register are
powered automatically.
Note: See Figure 7 Power Supply Scheme for more detailed information about how to connect
the power pins
4.6.2
Voltage regulator
The working mode of MCU can be adjusted through voltage regulator so as to reduce power
consumption. It mainly has three working modes.
Table7 Operating Mode of Voltage Regulator
Name
Description
Main mode (MR)
Provide 1.6 power supply (core, memory and peripheral) in normal power mode.
Low-power mode (LPR)
Provide 1.6V power supply in low-power mode, to save the content of register and SRAM.
Power-down mode
Used in the standby mode of CPU; the voltage regulator stops power supply, and except for the
standby circuit and backup area, all contents of registers and SRAM will be lost.
Note: The voltage regulator is always in working state after reset, and outputs with high impedance in power-down
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com