Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 25 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 25 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
w w w. g e e h y. c o m
P a g e 24
USBD1 and USBD2 share register address and pin interface, so only one of them can be used
at the same time.
4.10.7 Simultaneous use of USBD and CAN interfaces
When USBD and CAN are used at the same time, you need to:
 Write 0x00000001 at the base address offset 0x100 of USBD.
 PA11 and PA12 pins are for USBD, and CAN is used to multiplex other pins.
4.11
Analog peripherals
4.11.1 ADC
2 built-in ADCs with 12-bit accuracy, up to 16 external channels; each ADC can realize the
conversion between single mode and scanning mode. It can support DMA operation and
liberate the CPU. ADC interface supports single sampling, synchronous sampling and holding,
and cross sampling and holding logic functions. The analog watchdog function can monitor
multiple channels and generate an interrupt when the monitored signal exceeds the preset
value.
The timer can be used to synchronize the analog-to-digital conversion with the clock.
4.11.1.1 Temperature sensor
An embedded temperature sensor connected to ADC1_IN16 input channel can convert the
ambient temperature of the chip into digital signal.
4.12
SWJ-DP
The product supports serial debugging interface (SW-DP) and JTAG (JTAG-DP) debugging
interface.
JTAG interface provides 5-pin standard JTAG interface for AHB access port.
SW-DP interface provides 2-pin (data + clock) interface for AHB module. Among them, some
of 2 pins of SW-DP interface and 5 pins of JTAG interface are multiplexed.
4.13
Timer
The product includes 1 advanced-control timer (TMR1), 3 general-purpose timers (TMR2/3/4)
and 1 system tick timer.
The following table compares the functions of advanced timer and general-purpose timer:
Table9 Function Comparison of Timers
Timer type
System tick timer
General-purpose timer
Advanced timer
Timer name
Sys Tick Timer
TMR2
TMR3
TMR4
TMR1
Counter
resolution
24 bits
16 bits
16 bits
Counter type
Down
Up, down, up/down
Up, down, up/down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com