Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 44 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 44 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
w w w. g e e h y. c o m
P a g e 43
Table34 AC Characteristics (TA=25
℃)
MODEx[1:0]
Configuration
Symbol
Parameter
Condition
Minimum
value
Maximum
value
Unit
10
(2MHz)
fmax(IO)out
Maximum frequency (2)
CL = 50 pF, VDD = 2~3.6V
-
2
MHz
tf(IO)out
Output fall time from high to low
level
CL = 50 pF, VDD = 2~3.6V
-
50(3)
ns
tr (IO)out
Output rise time from low to high
level
-
50(3)
01
(10MHz)
fmax(IO)out
Maximum frequency (2)
CL = 50 pF, VDD = 2~3.6V
-
10
MHz
tf(IO)out
Output fall time from high to low
level
CL = 50 pF, VDD = 2~3.6V
-
24(3)
ns
tr (IO)out
Output rise time from low to high
level
-
23
11
(50MHz)
fmax(IO)out
Maximum frequency (2)
CL = 30 pF, VDD =
2.7~3.6V
-
50
MHz
tf(IO)out
Output fall time from high to low
level
CL = 30 pF, VDD =
2.7~3.6V
-
6(3)
ns
tr (IO)out
Output rise time from low to high
level
-
8(3)
1.
The rate of I/O port can be configured through MODEx[1:0].
2.
The maximum frequency is defined by the figure below.
3.
Guaranteed by design and not tested in production.
Figure 13 I/O AC Characteristics Definition
T
10%
50%
90%
10%
50%
90%
tr(IO)OUT
tr(IO)OUT
外部输出负载
是50pF
如果(tr+tf)小于等于(2/3)T,并且占空比是(45~55%)
当负载为50pf时,达到最大的频率
Table35 Output Voltage Characteristics (test condition VCC=2.7~3.6V, TA=-40~105℃)
Symbo
Parameter
Condition
Minimum
value
Maximum
value
Unit
VOL(1)
Output low level when 8 pins absorbs
TTL port, IIO = +8mA
-
0.4
V
External output
on 50pF
Maximum frequency is achieved if (tr + tf) ≤(2/3)T and if the duty cycle
is (45~55%) when loded by 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com