Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 26 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 26 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
w w w. g e e h y. c o m
P a g e 25
Timer type
System tick timer
General-purpose timer
Advanced timer
Prescaler factor
-
Any integer between 1 and 65536
Any integer between 1 and 65536
Generate DMA
request
-
Yes
Yes
Capture/compar
e register
-
4
4
Complementary
output
-
None
Yes
Pin
characteristics
-
There are 5 pins in total:
1-way external trigger signal input
pins,
4-way channel
(non-complementary channel)
pins
There are 9 pins in total:
1-way external trigger signal input pins,
1-way braking input signal pins,
3-pair complementary channel pins,
1-way channel (non-complementary
channel) pins
Function
Description
-
Special
for
real-time
operating system
-
Automatic
reloading
function supported
-
When the counter is 0, it
can
generate
a
maskable
system
interrupt
-
Can program the clock
source
-
Synchronization
or
event
chaining function provided
-
The counter in debug mode
can be frozen.
-
Can be used to generate
PWM output
-
Each
timer
has
an
independent DMA request
mechanism.
-
It can process signals of the
incremental
encoder
and
digital output of 1 to 3 Hall
sensors.
-
It has complementary PWM output
with dead band insertion
-
When
configured
as
a
16-bit
standard timer, it has the same
function as the TMRx timer.
-
When configured as a 16-bit PWM
generator, it has full modulation
capability (0~100%).
-
In debug mode, timers can be
frozen,
and
PWM
output
is
disabled.
-
Synchronization or event chaining
function is provided.
4.14
WDT
The product has two built-in watchdog timers, providing higher safety, time accuracy and
flexibility in use. Two watchdog devices (independent watchdog and window watchdog) can be
used to detect and solve faults caused by software errors; when the counter reaches the given
timeout value, an interrupt is triggered (only applicable to the window watchdog) or a system
reset is generated.
Table10 Independent Watchdog and Window Watchdog Timers
Name
Counter
resolution
Counter type
Prescaler
factor
Functional Description
Hardware
watchdog
12 bits
Down
Any integer
between 1
and 256
The clock is provided by an internally independent
RC oscillator of 40KHz, so it can run in shutdown
and standby modes; the whole system can be reset
in case of problems;
It can provide timeout management for applications;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com