Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 17 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 17 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
w w w. g e e h y. c o m
P a g e 16
4.1
System architecture
4.1.1
System Block Diagram
Figure 5 APM32F103xB Series System Block Diagram
Arm® Cortex®-M3
FMC
JTAG/SWD
总线矩阵
AHB/APB1桥
AHB/APB2桥
DMA
SRAM
TMR2/3/4
RTC
WWDT
IWDT
USART2/3
I2C1
AFIO
EINT
GPIO A/B/C/D/E
ADC1/2
TMR1
SPI1
USART1
USBD1(USBD2)
CAN1/CAN2
BAKPR
PMU
FLASH
AHB总线
SPI2
I2C2
CRC
QSPI
1.
The maximum frequency of AHB and high-speed APB of APM32F103xB series is 96MHz;
2.
The maximum frequency of low-speed APB of APM32F103xB series is 48MHz.
AHB bus
Bus matrix
AHB/APB2 bridge
AHB/APB1 bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com