Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 15 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 15 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
w w w. g e e h y. c o m
P a g e 14
Pin Name
Pin No.
Type
(1)
Main function (3)
Optional multiplexing function
(After reset)
Default
multiplexing
function
Redefining
function
PB3
39
55
89
30
I/O
FT
JTDO
-
PB3/
TRACESWO/
TMR2_CH2/
SPI1_SCK
PB4
40
56
90
31
I/O
FT
NJTRST
-
PB4/
TMR3_CH1/
SPI1_MISO
PB5
41
57
91
32
I/O
-
PB5
I2C1_SMBAI
TMR3_CH2/
SPI1_MOSI/
CAN2_RX
PB6
42
58
92
33
I/O
FT
PB6
I2C1_SCL(6)/
TMR4_CH1(6)
USART1_TX/
CAN2_TX
PB7
43
59
93
34
I/O
FT
PB7
I2C1_SDA(6)/
TMR4_CH2(6)
USART1_RX
BOOT0
44
60
94
35
I
-
BOOT0
-
-
PB8
45
61
95
-
I/O
FT
PB8
TMR4_CH3(6)
I2C1_SCL/
/CAN1_RX
PB9
46
62
96
-
I/O
FT
PB9
TMR4_CH4(6)
I2C1_SDA
/CAN1_TX
PE0
-
-
97
-
I/O
FT
PE0
TMR4_ETR
-
PE1
-
-
98
-
I/O
FT
PE1
-
-
VSS_3
47
63
99
36
S
-
VSS_3
-
-
VDD_3
48
64
100
1
S
-
VDD_3
-
-
1.
Power supply capacity of PC13, PC14 and PC15 pins is weak. Therefore, there are the following
restrictions on these three pins: only one pin can be used as an output at the same time, and can
only work in 2MHz mode, the maximum driving load is 30pF, and they cannot be used as a current
source (such as driving LED).
2.
The status of these pins is controlled by the backup area registers (these registers will not be
reset by the main reset system).
3.
For Pin 2 and Pin 3 of QFN36 package, and Pin 5 and Pin 6 of LQFP48 and LQFP64 package, the
default configuration after the chip is reset is OSC_IN and OSC_OUT function pins, and the
software can reset these two pins with PD0 and PD1 functions; for LQFP100 package, PD0 and
PD1 are inherent function pins.
4.
This multiplexing function can be configured to other pins by software (if the corresponding
package model has this pin). For details, please refer to the multiplexing function I/O section and
debugging setting section of the user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com