Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6-R Datasheet(PDF) 7 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6-R Datasheet(HTML) 7 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6-R Datasheet HTML 3Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 4Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
w w w. g e e h y. c o m
P a g e 6
2 Product information
See the following table for APM32F103xB product functions and peripheral configuration.
Table1 Functions and Peripherals of APM32F103xB Series Chips
Product
APM32F103xB
Model
T8U6
TBUx
C8T6
CBT6
R8T6
RBTx
V8T6
VBT6
Package
QFN36
LQFP48
LQFP64
LQFP100
Core and maximum working frequency
Arm® 32-bit Cortex®-M3@96MHz
Working voltage
2.0~3.6V
Flash(KB)
64
128
64
128
64
128
64
128
SRAM(KB)
36
GPIOs
26
37
51
80
Communication
interface
USART
2
3
SPI
1
2
QSPI
0
1
CAN
2
I2C
1
2
USBD
1
Timer
16-bit advanced
1
16-bit general
3
System tick timer
1
Watchdog
2
Real-time clock
1
12-bit ADC
Unit
2
Number of channels
10
16
Operating temperature
Ambient temperature: -40
℃ to 85℃/-40℃ to 105℃
Junction temperature: -40
℃ to 105℃/-40℃ to 125℃
Note: When x is 6, ambient temperature is from -40℃ to 85℃, and the junction temperature is from -40℃ to 105℃;
When x is 7, ambient temperature is from -40℃ to 105℃, and the junction temperature is from -40℃ to 125℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com