Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 20 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 20 Page - ABB

Back Button FS201 Datasheet HTML 16Page - ABB FS201 Datasheet HTML 17Page - ABB FS201 Datasheet HTML 18Page - ABB FS201 Datasheet HTML 19Page - ABB FS201 Datasheet HTML 20Page - ABB FS201 Datasheet HTML 21Page - ABB FS201 Datasheet HTML 22Page - ABB FS201 Datasheet HTML 23Page - ABB FS201 Datasheet HTML 24Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
System
pro M compact ®
Residual-current-operated circuit breaker
F 200 series
Description
Residual-current protective devices have a balance or, as the case may be, differential current transformer as measuring device that is
connected with permanent magnet trip via the secondary winding. Residual-current protective devices cover a.c. fault current and
pulsating d.c. fault current and are insensitive to current rushes up to 250 A, selective and short-time delayed tripping types up to 3,000 A).
Pulse shape 8/20 according to DIN VDE 0432 Part 2.
STOTZ residual-current protective devices are surge-proof and thus insensitive to transient leakage current to earth, as may occur e.g.
when switching fluorescent lamps, X-ray apparatus, IT systems and also thyristor control. (The value of the surge strength is indicated in
the technical data information regarding the switching variants).
Protection through RCD of types AC, A and B according to IEC 755
Selective RCCB F 200S
Is installed centrally and operates on a time-selective basis with respect to more sensitive downstream residual-current devices.
The result is a high degree of service security, as in the case of a fault, only the circuit affected will be switched off.
Due to their surge strength of up to 5,000 A/3,000 A, nuisance tripping of STOTZ main RCCBs caused by remote strike is ruled out.
They are therefore the perfect choice for the connection of freezers and agricultural applications (e.g. fans in intensive livestock husbandry)
according to DIN VDE 0100 Part 705.
Short-time delayed RCCBs F 200 R
are RCCBs with high surge strength needed where apparatus causes high leakage currents when switched on or off (e.g. lighting circuits
with ballast, long lines).
Application
To obtain a better level of security in all wiring systems, as well as in supply areas with respect to which codes of practice
recommend or require the use of residual-current protective devices.
Tasks
Protection against electric shock
Measures for the protection against electric shock as provided for in DIN VDE 0100 Part 410. These measures are:
Protection from indirect touch – as fault protection through disconnection of circuit in the case of excessive touch voltage caused by
short circuit to exposed conductive part.
Protection from direct touch – as additional protection through disconnection when conductive parts are touched. Dangerous leakage
current is switched off within the shortest possible time if the rated residual current of the circuit-breakers is I∆
n
30 mA, in the case of
people protector FS 201 I∆
n
10 mA.
Protection against fire – protection against fire ignited by electricity if the nominal residual current of the circuit-breaker is I∆
n
300 mA.
form of residual current
sinusoidal a.c.
pulsating d.c.
smooth d.c.
correct functioning of RCD
a.c.- sensitive
type AC
pulsating
current-sensitive
type A
d.c.-sensitive
type B
F 200 AC
F 200
suddenly applied
slowly rising
suddenly applied with/without
superimosed smooth
d.c. of 6 mA
slowly rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com