Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 14 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 14 Page - ABB

Back Button FS201 Datasheet HTML 10Page - ABB FS201 Datasheet HTML 11Page - ABB FS201 Datasheet HTML 12Page - ABB FS201 Datasheet HTML 13Page - ABB FS201 Datasheet HTML 14Page - ABB FS201 Datasheet HTML 15Page - ABB FS201 Datasheet HTML 16Page - ABB FS201 Datasheet HTML 17Page - ABB FS201 Datasheet HTML 18Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
System
pro M compact ®
Miniature circuit-breakers
S 200/S 200 M series
The influence of ambient temperature and interdependencies in the case of even loads on the load
capability of MCBs
Practical Note: This practical deduction, that is applicable for all types of characteristics, can be recommended for standard
environments. Selection criteria for rated current of circuit-breakers according to EN 60898 and EN 60947-2.
Choose the circuit-breaker that is appropriate for the lower of the rated value of the device or the permissible current loading.
Now, the major factors having an influence on the circuit-breaker, must be taken into account:
1.
ambient temperature with I
B
0.9 x I
n at 40 °C ambient temperature
2.
mutual influence with I
B
0.75 x I
n in the case of more than one circuit-breaker being loaded evenly in parallel.
The ensuing rated current of the circuit breaker is thus: I
n = 1.5 x rated current
Example: operating currect 4 A, then the rated current of the circuit-breaker is: I
n = 1.5 x 4 A = 6 A
The above takes into account all relevant factors and the circuit is protected at the lowest possible level.
This practical note is based on the following:
1. Deviating ambient temperature: The thermal releases are adapted to a given reference ambient temperature. For the K- and Z-type
characteristics, it is 20 °C, for B-, C- and D-type, it is 30 °C.
For all other ambient temperatures, the current values indicated vary by ca. 6 % per 10 K temperature de/increase.
For more precise calculations and very high/low ambient temperatures, the following tables apply:
Max. operating current depending on the ambient temperature circuit-breaker in load circuit of characteristics type B, C and D
B, C and D
Ambient temperature T (°C)
I
n
(A)
– 40
– 30
– 20
– 10
0
10
20
30
40
50
60
70
0.5
0.67
0.65
0.62
0.60
0.58
0.55
0.53
0.50
0.47
0.44
0.41
0.37
1.0
1.33
1.29
1.25
1.20
1.15
1.11
1.05
1.00
0.94
0.88
0.82
0.75
1,6
2.13
2.07
2.00
1.92
1,85
1.77
1.69
1.60
1.51
1.41
1.31
1.19
2,0
2.67
2.58
2.49
2.40
2.31
2.21
2.11
2.00
1.89
1.76
1.63
1.49
3,0
4.0
3.9
3.7
3.6
3.5
3.3
3.2
3.0
2.8
2.6
2.4
2.2
4,0
5.3
5.2
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.5
3.3
3.0
6,0
8.0
7.7
7.5
7.2
6.9
6.6
6.3
6.0
5.7
5.3
4.9
4.5
8,0
10.7
10.3
10.0
9.6
9.2
8.8
8.4
8.0
7.5
7.1
6.5
6.0
10,0
13.3
12.9
12.5
12.0
11.5
11.1
10.5
10.0
9.4
8.8
8.2
7.5
13,0
17.3
16.8
16.2
15.6
15.0
14.4
13.7
13.0
12.3
11.5
10.6
9.7
16,0
21.3
20.7
20.0
19.2
18.5
17.7
16.9
16.0
15.1
14.1
13.1
11.9
20,0
26.7
25.8
24.9
24.0
23.1
22.1
21.1
20.0
18.9
17.6
16.3
14.9
25,0
33.3
32.3
31.2
30.0
28.9
27.6
26.4
25.0
23.6
22.0
20.4
18.6
32,0
42.7
41.3
39.9
38.5
37.0
35.4
33.7
32.0
30.2
28.2
26.1
23.9
40,0
53.3
51.6
49.9
48.1
46.2
44.2
42.2
40.0
37.7
35.3
32.7
29.8
50,0
66.7
64.5
62.4
60.1
57.7
55.3
52.7
50.0
47.1
44.1
40.8
37.3
63,0
84.0
81.3
78.6
75.7
72.7
69.6
66.4
63.0
59.4
55.6
51.4
47.0
Max. operating current depending on the ambient temperature circuit-breaker in load circuit of characteristics type K and Z
K and Z
Ambient temperature T (°C)
I
n (A)
– 40
– 30
– 20
– 10
0
10
20
30
40
50
60
70
0.5
0.66
0.64
0.61
0.59
0.56
0.53
0.50
0.47
0.43
0.40
0.35
0.31
1.0
1.32
1.27
1.22
1.17
1.12
1.06
1.00
0.94
0.87
0.79
0.71
0.61
1.6
2.12
2.04
1.96
1.88
1.79
1.70
1.60
1.50
1.39
1.26
1.13
0.98
2.0
2.65
2.55
2.45
2.35
2.24
2.12
2.00
1.87
1.73
1.58
1.41
1.22
3.0
4.0
3.8
3.7
3.5
3.4
3.2
3.0
2.8
2.6
2.4
2.1
1.8
4.0
5.3
5.1
4.9
4.7
4.5
4.2
4.0
3.7
3.5
3.2
2.8
2.4
6.0
7.9
7.6
7.3
7.0
6.7
6.4
6.0
5.6
5.2
4.7
4.2
3.7
8.0
10.8
10.2
9.8
9.4
8.9
8.5
8.0
7.5
6.9
6.3
5.7
4.9
10.0
13.2
12.7
12.2
11.7
11.2
10.6
10.0
9.4
8.7
7.9
7.1
6.1
13.0
17.2
16.6
15.9
15.2
14.5
13.8
13.0
12.2
11.3
10.3
9.2
8.0
16.0
21.2
20.4
19.6
18.8
17.9
17.0
16.0
15.0
13.9
12.6
11.3
9.8
20.0
26.5
25.5
24.5
23.5
22.4
21.2
20.0
18.7
17.3
15.8
14.1
12.2
25.0
33.1
31.9
30.6
29.3
28.0
26.5
25.0
23.4
21.7
19.8
17.7
15.3
32.0
42.3
40.8
39.2
37.5
35.8
33.9
32.0
29.9
27.7
25.3
22.6
19.6
40.0
52.9
51.0
49.0
46.9
44.7
42.4
40.0
37.4
34.6
31.6
28.3
24.5
50.0
66.1
63.7
61.2
58.6
55.9
53.0
50.0
46.8
43.3
39.5
35.4
30.6
63.0
83.3
80.3
77.2
73.9
70.4
66.8
63.0
58.9
54.6
49.8
44.5
38.6
2. Interdependencies in
the case of even loads
A correction factor must be
taken into account in the
case butt-mounted devices
and an evenly applied, high
load:
2 and 3 circuit-breakers
with factor 0.9
4 and 5 circuit-breakers
with factor 0.8
6 and more circuit-breakers
with factor 0.75
T
he interdependency
becomes irrelevant if
FST … spacers or
packing blocks (9mm
width) are used.
The influence of ambient temperature and interdependencies in the case of even loads on the load
capability of MCBs
Practical Note: This practical deduction, that is applicable for all types of characteristics, can be recommended for standard
environments. Selection criteria for rated current of circuit-breakers according to EN 60898 and EN 60947-2.
Choose the circuit-breaker that is appropriate for the lower of the rated value of the device or the permissible current loading.
Now, the major factors having an influence on the circuit-breaker, must be taken into account:
1.
ambient temperature with I
B
0.9 x I
n at 40 °C ambient temperature
2.
mutual influence with I
B
0.75 x I
n in the case of more than one circuit-breaker being loaded evenly in parallel.
The ensuing rated current of the circuit breaker is thus: I
n = 1.5 x rated current
Example: operating currect 4 A, then the rated current of the circuit-breaker is: I
n = 1.5 x 4 A = 6 A
The above takes into account all relevant factors and the circuit is protected at the lowest possible level.
This practical note is based on the following:
1. Deviating ambient temperature: The thermal releases are adapted to a given reference ambient temperature. For the K- and Z-type
characteristics, it is 20 °C, for B-, C- and D-type, it is 30 °C.
For all other ambient temperatures, the current values indicated vary by ca. 6 % per 10 K temperature de/increase.
For more precise calculations and very high/low ambient temperatures, the following tables apply:
Max. operating current depending on the ambient temperature circuit-breaker in load circuit of characteristics type B, C and D
B, C and D
Ambient temperature T (°C)
I
n
(A)
– 40
– 30
– 20
– 10
0
10
20
30
40
50
60
70
0.5
0.67
0.65
0.62
0.60
0.58
0.55
0.53
0.50
0.47
0.44
0.41
0.37
1.0
1.33
1.29
1.25
1.20
1.15
1.11
1.05
1.00
0.94
0.88
0.82
0.75
1,6
2.13
2.07
2.00
1.92
1,85
1.77
1.69
1.60
1.51
1.41
1.31
1.19
2,0
2.67
2.58
2.49
2.40
2.31
2.21
2.11
2.00
1.89
1.76
1.63
1.49
3,0
4.0
3.9
3.7
3.6
3.5
3.3
3.2
3.0
2.8
2.6
2.4
2.2
4,0
5.3
5.2
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.5
3.3
3.0
6,0
8.0
7.7
7.5
7.2
6.9
6.6
6.3
6.0
5.7
5.3
4.9
4.5
8,0
10.7
10.3
10.0
9.6
9.2
8.8
8.4
8.0
7.5
7.1
6.5
6.0
10,0
13.3
12.9
12.5
12.0
11.5
11.1
10.5
10.0
9.4
8.8
8.2
7.5
13,0
17.3
16.8
16.2
15.6
15.0
14.4
13.7
13.0
12.3
11.5
10.6
9.7
16,0
21.3
20.7
20.0
19.2
18.5
17.7
16.9
16.0
15.1
14.1
13.1
11.9
20,0
26.7
25.8
24.9
24.0
23.1
22.1
21.1
20.0
18.9
17.6
16.3
14.9
25,0
33.3
32.3
31.2
30.0
28.9
27.6
26.4
25.0
23.6
22.0
20.4
18.6
32,0
42.7
41.3
39.9
38.5
37.0
35.4
33.7
32.0
30.2
28.2
26.1
23.9
40,0
53.3
51.6
49.9
48.1
46.2
44.2
42.2
40.0
37.7
35.3
32.7
29.8
50,0
66.7
64.5
62.4
60.1
57.7
55.3
52.7
50.0
47.1
44.1
40.8
37.3
63,0
84.0
81.3
78.6
75.7
72.7
69.6
66.4
63.0
59.4
55.6
51.4
47.0
Max. operating current depending on the ambient temperature circuit-breaker in load circuit of characteristics type K and Z
K and Z
Ambient temperature T (°C)
I
n (A)
– 40
– 30
– 20
– 10
0
10
20
30
40
50
60
70
0.5
0.66
0.64
0.61
0.59
0.56
0.53
0.50
0.47
0.43
0.40
0.35
0.31
1.0
1.32
1.27
1.22
1.17
1.12
1.06
1.00
0.94
0.87
0.79
0.71
0.61
1.6
2.12
2.04
1.96
1.88
1.79
1.70
1.60
1.50
1.39
1.26
1.13
0.98
2.0
2.65
2.55
2.45
2.35
2.24
2.12
2.00
1.87
1.73
1.58
1.41
1.22
3.0
4.0
3.8
3.7
3.5
3.4
3.2
3.0
2.8
2.6
2.4
2.1
1.8
4.0
5.3
5.1
4.9
4.7
4.5
4.2
4.0
3.7
3.5
3.2
2.8
2.4
6.0
7.9
7.6
7.3
7.0
6.7
6.4
6.0
5.6
5.2
4.7
4.2
3.7
8.0
10.8
10.2
9.8
9.4
8.9
8.5
8.0
7.5
6.9
6.3
5.7
4.9
10.0
13.2
12.7
12.2
11.7
11.2
10.6
10.0
9.4
8.7
7.9
7.1
6.1
13.0
17.2
16.6
15.9
15.2
14.5
13.8
13.0
12.2
11.3
10.3
9.2
8.0
16.0
21.2
20.4
19.6
18.8
17.9
17.0
16.0
15.0
13.9
12.6
11.3
9.8
20.0
26.5
25.5
24.5
23.5
22.4
21.2
20.0
18.7
17.3
15.8
14.1
12.2
25.0
33.1
31.9
30.6
29.3
28.0
26.5
25.0
23.4
21.7
19.8
17.7
15.3
32.0
42.3
40.8
39.2
37.5
35.8
33.9
32.0
29.9
27.7
25.3
22.6
19.6
40.0
52.9
51.0
49.0
46.9
44.7
42.4
40.0
37.4
34.6
31.6
28.3
24.5
50.0
66.1
63.7
61.2
58.6
55.9
53.0
50.0
46.8
43.3
39.5
35.4
30.6
63.0
83.3
80.3
77.2
73.9
70.4
66.8
63.0
58.9
54.6
49.8
44.5
38.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com