Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 31 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 31 Page - ABB

Back Button FS201 Datasheet HTML 27Page - ABB FS201 Datasheet HTML 28Page - ABB FS201 Datasheet HTML 29Page - ABB FS201 Datasheet HTML 30Page - ABB FS201 Datasheet HTML 31Page - ABB FS201 Datasheet HTML 32Page - ABB FS201 Datasheet HTML 33Page - ABB FS201 Datasheet HTML 34Page - ABB FS201 Datasheet HTML 35Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
42
System
pro M compact ®
No. of
rated
order details
bbn
price
price
w'ght
pack.
poles
current
40 16779
1 piece
group
1 pc.
unit
In A
type code
order code
EAN
€
kg
pc.
With disconnecting neutral NA
6
S 201 M-B 6 NA
2CDS 271 103 R0065
54950 9
0.250
50/40
10
S 201 M-B 10 NA
2CDS 271 103 R0105
54951 6
13
S 201 M-B 13 NA
2CDS 271 103 R0135
54952 3
16
S 201 M-B 16 NA
2CDS 271 103 R0165
54953 0
20
S 201 M-B 20 NA
2CDS 271 103 R0205
54954 7
25
S 201 M-B 25 NA
2CDS 271 103 R0255
54955 4
32
S 201 M-B 32 NA
2CDS 271 103 R0325
54956 1
40
S 201 M-B 40 NA
2CDS 271 103 R0405
54957 8
50
S 201 M-B 50 NA
2CDS 271 103 R0505
54383 5
63
S 201 M-B 63 NA
2CDS 271 103 R0635
54384 2
6
S 203 M-B 6 NA
2CDS 273 103 R0065
54974 5
0.500
2/20
10
S 203 M-B 10 NA
2CDS 273 103 R0105
54975 2
13
S 203 M-B 13 NA
2CDS 273 103 R0135
54976 9
16
S 203 M-B 16 NA
2CDS 273 103 R0165
54977 6
20
S 203 M-B 20 NA
2CDS 273 103 R0205
54978 3
25
S 203 M-B 25 NA
2CDS 273 103 R0255
54979 0
32
S 203 M-B 32 NA
2CDS 273 103 R0325
54980 6
40
S 203 M-B 40 NA
2CDS 273 103 R0405
54981 3
50
S 203 M-B 50 NA
2CDS 273 103 R0505
54389 7
63
S 203 M-B 63 NA
2CDS 273 103 R0635
54390 3
0.580
Miniature circuit-breakers
S 200 series M
B
Selection table
1
+
NA
3
+
NA
S 200 M-B
UBmax
440 V
60 V ...
UBmax
440 V
suitable for flow-type heaters 12 kW
suitable for flow-type heaters 21, 24 and 27 kW
suitable for flow-type heaters 18 kW
10000
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com