Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 33 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 33 Page - ABB

Back Button FS201 Datasheet HTML 27Page - ABB FS201 Datasheet HTML 28Page - ABB FS201 Datasheet HTML 29Page - ABB FS201 Datasheet HTML 30Page - ABB FS201 Datasheet HTML 31Page - ABB FS201 Datasheet HTML 32Page - ABB FS201 Datasheet HTML 33Page - ABB FS201 Datasheet HTML 34Page - ABB FS201 Datasheet HTML 35Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
44
System
pro M compact ®
No. of
rated
order details
bbn
price
price
w'ght
pack.
poles
current
40 16779
1 piece
group
1 pc.
unit
In A
type code
order code
EAN
€
kg
pc.
With disconnecting neutral NA
0.5
S 201 M-C 0.5 NA
2CDS 271 103 R0984
55005 5
0.250
5
1
S 201 M-C 1 NA
2CDS 271 103 R0014
55007 9
1.6
S 201 M-C 1.6 NA
2CDS 271 103 R0974
55006 2
2
S 201 M-C 2 NA
2CDS 271 103 R0024
55008 6
3
S 201 M-C 3 NA
2CDS 271 103 R0034
55009 3
4
S 201 M-C 4 NA
2CDS 271 103 R0044
55010 9
6
S 201 M-C 6 NA
2CDS 271 103 R0064
55011 6
8
S 201 M-C 8 NA
2CDS 271 103 R0084
55012 3
10
S 201 M-C 10 NA
2CDS 271 103 R0104
55013 0
13
S 201 M-C 13 NA
2CDS 271 103 R0134
55014 7
16
S 201 M-C 16 NA
2CDS 271 103 R0164
55015 4
20
S 201 M-C 20 NA
2CDS 271 103 R0204
55016 1
25
S 201 M-C 25 NA
2CDS 271 103 R0254
55017 8
32
S 201 M-C 32 NA
2CDS 271 103 R0324
55018 5
40
S 201 M-C 40 NA
2CDS 271 103 R0404
55019 2
50
S 201 M-C 50 NA
2CDS 271 103 R0504
54395 8
0.290
63
S 201 M-C 63 NA
2CDS 271 103 R0634
54396 5
0.5
S 203 M-C 0.5 NA
2CDS 273 103 R0984
55051 2
0.500
2
1
S 203 M-C 1 NA
2CDS 273 103 R0014
55052 9
1.6
S 203 M-C 1.6 NA
2CDS 273 103 R0974
55050 5
2
S 203 M-C 2 NA
2CDS 273 103 R0024
55053 6
3
S 203 M-C 3 NA
2CDS 273 103 R0034
55054 3
4
S 203 M-C 4 NA
2CDS 273 103 R0044
55055 0
6
S 203 M-C 6 NA
2CDS 273 103 R0064
55056 7
8
S 203 M-C 8 NA
2CDS 273 103 R0084
55057 4
10
S 203 M-C 10 NA
2CDS 273 103 R0104
55058 1
13
S 203 M-C 13 NA
2CDS 273 103 R0134
55059 8
16
S 203 M-C 16 NA
2CDS 273 103 R0164
55060 4
20
S 203 M-C 20 NA
2CDS 273 103 R0204
55061 1
25
S 203 M-C 25 NA
2CDS 273 103 R0254
55062 8
32
S 203 M-C 32 NA
2CDS 273 103 R0324
55063 5
40
S 203 M-C 40 NA
2CDS 273 103 R0404
55064 2
50
S 203 M-C 50 NA
2CDS 273 103 R0504
54401 6
0.580
63
S 203 M-C 63 NA
2CDS 273 103 R0634
54402 3
Miniature circuit-breakers
S 200 series M
C
Selection table
1
+
NA
3
+
NA
S 200 M-C
UBmax
440 V
60 V ...
UBmax
440 V
suitable for flow-type heaters 12 kW
suitable for flow-type heaters 21, 24 and 27 kW
suitable for flow-type heaters 18 kW
10000
3
Attention:
S 200 M, B and C
with integrated auxiliary contact
on request.
Description
order details
bbn
price
price
w'ght
pack.
40 16779
1 piece
group
1 pc.
unit
type code
order code
EAN
€
kg
pc.
Signalcontact/Auxiliary switch (universal)
Retrofittable to the right side of MCB’s, RCB’s and Shunt trip’s
1 change over
S 2C-S/H6R
2CDS 200 922 R0001
56381 9
0.04
1
Auxiliary contact
Retrofittable to the right side of MCB’s
1 change over
S 2C-H6R
2CDS 200 912 R0001
56382 6
0.04
1
Shunt trip
AC/DC 12 … 60 V
S 2C-A1
2CDS 200 909 R0001
57099 2
0.15
1
AC 110 … 415 V und
DC 110 … 250 V
S 2C-A2
2CDS 200 909 R0002
57100 5
Undervoltage release (in preparation)
DC
12 V
S 2C-UA 12
2CDS 200 911 R0001
57101 2
0.09
1
AC/DC 24 V
S 2C-UA 24
2CDS 200 911 R0002
57102 9
AC/DC 48 V
S 2C-UA 48
2CDS 200 911 R0003
57103 6
AC/DC 110 V
S 2C-UA 110
2CDS 200 911 R0004
57104 3
AC/DC 220 V
S 2C-UA 220
2CDS 200 911 R0005
57105 0
AC
380 V
S 2C-UA 380
2CDS 200 911 R0006
57106 7
System
pro M compact ®
Supplementary devices
MCB’s
Range S 200/S 200 M
SC-S/H6R
S 2C-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com