Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 15 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 15 Page - ABB

Back Button FS201 Datasheet HTML 11Page - ABB FS201 Datasheet HTML 12Page - ABB FS201 Datasheet HTML 13Page - ABB FS201 Datasheet HTML 14Page - ABB FS201 Datasheet HTML 15Page - ABB FS201 Datasheet HTML 16Page - ABB FS201 Datasheet HTML 17Page - ABB FS201 Datasheet HTML 18Page - ABB FS201 Datasheet HTML 19Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
System
pro M compact ®
Miniature circuit-breakers
S 200/S 200 M series
Use of S 200/S 200 M miniature circuit-breakers in direct current circuits 60 VDC/125 VDC
In DC systems up to 60 VDC or, as the case may be, series connection up to 125 VDC, customary S 200/S 200 M series MCBs can be used.
Polarity does not need to be taken into consideration, the outgoing circuit may be implemented from above or below the device.
For higher direct voltage up to 440 VDC devices of the S 280 UC series must be used.
Example for max. permissible voltages between conductors depending on the number of poles and type of connection.
Fusing of lighting currents
1. Filament lamps and fluorescent lamps
The following table indicates the maximum number of fluorescent lamps that can be protected with a single-pole miniature circuit-breaker.
In the case of multipole MCBs, the value is reduced by 20 %. Tripping charcteristic type C allows for light currents up to the rated current
of the MCB,
for fusing of:
filament lamps
fluorescent lamps
a) non-compensated
b) shunt compensated (cos
ϕ = 0.95)
c) electronic load
2. High-pressure discharge lamps
Starting current: ca. 1.7 x lamp current
Recovery time: ca. 3 ... 5 min.
According to the type of lamp, line impedance and start-stop torque, the so-called rectifier effect may occur which superimposes the
starting current of the lamp for some half-waves.
In the most unfavorable circumstances, inrush currents of 15 times of the lamp nominal current may ensue.
To avoid nuisance tripping, MCBs with K-type characteristic should not carry loads higher than 0.6-fold of the lamp current. The load factor
indicated refers to the least favorable case (proximity to transformer, low line impedances).
Examples for different voltages between a conductor and earth where voltages between conductors are identical:
➀
electronic ballast: twin-lamp style, jointly switched number of lamps
Characteristic/
non-compensated
shunt compensated
electronic ballast
➀
rated current
conventional ballast
conventional ballast
18/20 W
36/40 W
58/65 W
18/20 W
36/40 W
58/65 W
18/20 W
36/40 W
58/65 W
10
27
23
15
32
32
20
18
18
8
16
43
37
24
51
51
33
26
26
12
20
53
46
30
64
64
41
33
33
15
25
66
58
37
82
82
53
42
42
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com