Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 7 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 7 Page - ABB

Back Button FS201 Datasheet HTML 3Page - ABB FS201 Datasheet HTML 4Page - ABB FS201 Datasheet HTML 5Page - ABB FS201 Datasheet HTML 6Page - ABB FS201 Datasheet HTML 7Page - ABB FS201 Datasheet HTML 8Page - ABB FS201 Datasheet HTML 9Page - ABB FS201 Datasheet HTML 10Page - ABB FS201 Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
System
pro M compact ®
Miniature circuit-breakers
S 200/S 200 M series
Technical data
Specifications:
DIN VDE 0641 Part 11, IEC 60898, EN 60898, IEC 60947-2, UL 1077
No. of poles:
1, 2, 3, 4, 1 + NA, 3 + NA
tripping charcteristics:
B, C, D, K, Z
rated current I
n:
B 6 ... 63 A , C, D, K and Z 0,5 ... 63 A
rated voltage U
n:
1-pole
230 V
multipole
400 V
max. operating voltage U
Bmax:AC
U
n + 10 %
DC 1-pole
60 V ...
2-pole
125 V ...
min. operating voltage U
Bmin :
12 V~, 12 V-
energy limitation class:
S 3
short circuit rupturing capacity:
see page 9
frequency:
50 ...60 Hz
insulation coordination:
according to DIN VDE 0110 Part 1 and 2
- overvoltage category:
III
- pollution degree:
2
- surge voltage:
5 kV (1.2/50
µs)
- impulse alternating voltage:
3 kV (50/60 Hz)
housing:
Insulating material rating I (CTI
600) according to DIN IEC 112/VDE 0303 Part 1, RAL
7035
operating lever:
Insulating material rating II (400
CTI
 600) black, sealable
degree of protection acc. to DIN VDE 0100:
IP 20, in the consumer unit IP 40
dimensions:
according to DIN 43880, size code 1
depth of device:
68 mm
overall dimensions:
see page 25
mounting position:
optional
fixing:
snap-on to DIN rails EN 60 715, 35 mm or
screw fixing by means of mounting plate (see accessories)
connection:
failsave bi-directional cylinder-lift terminal at top and bottom, shock-protected according
to
DIN VDE 0106 Part 100. Suitable for connection of single, multi or finely stranded
conductors up to 25 mm2 (if also connected to rails)
tightening torque:
2.8 Nm
mechanical service life:
20,000 operations
service life at rated load
I
n  32 A:
20,000 operations
I
n
32 A:
10,000 operations
climatic resistance acc. to DIN IEC 68 Part 2-30: constant climate 23/83, 40/93, 55/20 [°C/RH]
alternating climate 25/95 - 40/93 [°C/RH]
storage temperature:
T
max +70 °C/158 °F, Tmin -40 °C/-13 °F
ambient temperature:
T
max +55 °C/158 °F, Tmin -25 °C/-13 °F
shock resistance:
30 g, at least 2 impacts shock duration 13 ms
resistance to vibration acc. to DIN IEC 68-2-6:
5 g, 20 frequency cycles 5 ... 150 ... 5 Hz at 0.8 I
n
weight:
see selection tables
Technical data of the integrated auxiliary contact
contact:
1NO (1 make contact)
1NC (1 normally closed contact)
contact load:
AC 14 230 V 2 A
DC 12 identical DC 13
DC 13 50 V 1 A
min. operating voltage:
12 VAC/DC at 0.1 VA
short-circuit withstand capacity:
230 V
1,000 A
electrical service life:
Œ 4,000 operations
safe disconnection of auxiliary circuit and main circuit according to VDE 0106 Part 101
connection capacity:
0.75 to 2.5 mm2 (finely-stranded conductors to be fitted with a connector sleeve)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com