Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 26 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 26 Page - ABB

Back Button FS201 Datasheet HTML 22Page - ABB FS201 Datasheet HTML 23Page - ABB FS201 Datasheet HTML 24Page - ABB FS201 Datasheet HTML 25Page - ABB FS201 Datasheet HTML 26Page - ABB FS201 Datasheet HTML 27Page - ABB FS201 Datasheet HTML 28Page - ABB FS201 Datasheet HTML 29Page - ABB FS201 Datasheet HTML 30Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
System
pro M compact ®
Accessories
Dimensions
Terminal covers
measurements in mm
Enclosure of moulded-plastic
Flush frame
type
S 500 - ME 1
S 500 - ME 2
S 500 - ME 3
dim. L
38 mm
88 mm
184 mm
max. No. of modules
(1 module = 17.5 mm)
for 2 Module
for 5 Module
for 10 Module
Mounting rails
SK 0136 Z 96
name
A
A1
DSW
17.5
15
DSW 2
35
20
DSW 3
52.5
37.5
DSW 4
70
55
DSW 6
105
90
PCD 2 N
PCD 4 N
PCD 6 N
SK 0137 Z 96
PCD 8 N
SK 0138 Z 96
QES 4/3 N
QES 6/3 N
In the case of DSW 1,
the drill holes
are vertical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com