Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 32 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 32 Page - ABB

Back Button FS201 Datasheet HTML 27Page - ABB FS201 Datasheet HTML 28Page - ABB FS201 Datasheet HTML 29Page - ABB FS201 Datasheet HTML 30Page - ABB FS201 Datasheet HTML 31Page - ABB FS201 Datasheet HTML 32Page - ABB FS201 Datasheet HTML 33Page - ABB FS201 Datasheet HTML 34Page - ABB FS201 Datasheet HTML 35Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
43
System
pro M compact ®
1
No. of
rated
order details
bbn
price
price
w'ght
pack.
poles
current
40 16779
1 piece
group
1 pc.
unit
In A
type code
order code
EAN
kg
pc.
0.5
S 201 M-C 0.5
2CDS 271 001 R0984
54990 5
0.125
10/40
1
S 201 M-C 1
2CDS 271 001 R0014
54992 9
1.6
S 201 M-C 1.6
2CDS 271 001 R0974
54991 2
2
S 201 M-C 2
2CDS 271 001 R0024
54993 6
3
S 201 M-C 3
2CDS 271 001 R0034
54994 3
4
S 201 M-C 4
2CDS 271 001 R0044
54995 0
6
S 201 M-C 6
2CDS 271 001 R0064
54996 7
8
S 201 M-C 8
2CDS 271 001 R0084
54997 4
10
S 201 M-C 10
2CDS 271 001 R0104
54998 1
13
S 201 M-C 13
2CDS 271 001 R0134
54999 8
16
S 201 M-C 16
2CDS 271 001 R0164
55000 0
20
S 201 M-C 20
2CDS 271 001 R0204
55001 7
25
S 201 M-C 25
2CDS 271 001 R0254
55002 4
32
S 201 M-C 32
2CDS 271 001 R0324
55003 1
40
S 201 M-C 40
2CDS 271 001 R0404
55004 8
50
S 201 M-C 50
2CDS 271 001 R0504
54393 4
63
S 201 M-C 63
2CDS 271 001 R0634
54394 1
0.5
S 202 M-C 0.5
2CDS 272 001 R0984
55020 8
0.250
5/20
1
S 202 M-C 1
2CDS 272 001 R0014
55022 2
1.6
S 202 M-C 1.6
2CDS 272 001 R0974
55021 5
2
S 202 M-C 2
2CDS 272 001 R0024
55023 9
3
S 202 M-C 3
2CDS 272 001 R0034
55024 6
4
S 202 M-C 4
2CDS 272 001 R0044
55025 3
6
S 202 M-C 6
2CDS 272 001 R0064
55026 0
8
S 202 M-C 8
2CDS 272 001 R0084
55027 7
10
S 202 M-C 10
2CDS 272 001 R0104
55028 4
13
S 202 M-C 13
2CDS 272 001 R0134
55029 1
16
S 202 M-C 16
2CDS 272 001 R0164
55030 7
20
S 202 M-C 20
2CDS 272 001 R0204
55031 4
25
S 202 M-C 25
2CDS 272 001 R0254
55032 1
32
S 202 M-C 32
2CDS 272 001 R0324
55033 8
40
S 202 M-C 40
2CDS 272 001 R0404
55034 5
50
S 202 M-C 50
2CDS 272 001 R0504
54397 2
63
S 202 M-C 63
2CDS 272 001 R0634
54398 9
0.5
S 203 M-C 0.5
2CDS 273 001 R0984
55035 2
0.375
3/12
1
S 203 M-C 1
2CDS 273 001 R0014
55037 6
1.6
S 203 M-C 1.6
2CDS 273 001 R0974
55036 9
2
S 203 M-C 2
2CDS 273 001 R0024
55038 3
3
S 203 M-C 3
2CDS 273 001 R0034
55039 0
4
S 203 M-C 4
2CDS 273 001 R0044
55040 6
6
S 203 M-C 6
2CDS 273 001 R0064
55041 3
8
S 203 M-C 8
2CDS 273 001 R0084
55042 0
10
S 203 M-C 10
2CDS 273 001 R0104
55043 7
13
S 203 M-C 13
2CDS 273 001 R0134
55044 4
16
S 203 M-C 16
2CDS 273 001 R0164
55045 1
20
S 203 M-C 20
2CDS 273 001 R0204
55046 8
25
S 203 M-C 25
2CDS 273 001 R0254
55047 5
32
S 203 M-C 32
2CDS 273 001 R0324
55048 2
40
S 203 M-C 40
2CDS 273 001 R0404
55049 9
50
S 203 M-C 50
2CDS 273 001 R0504
54399 6
63
S 203 M-C 63
2CDS 273 001 R0634
54400 9
0.5
S 204 M-C 0.5
2CDS 274 001 R0984
55065 9
0.500
2
1
S 204 M-C 1
2CDS 274 001 R0014
55067 3
1.6
S 204 M-C 1.6
2CDS 274 001 R0974
55066 6
2
S 204 M-C 2
2CDS 274 001 R0024
55068 0
3
S 204 M-C 3
2CDS 274 001 R0034
55069 7
4
S 204 M-C 4
2CDS 274 001 R0044
55070 3
6
S 204 M-C 6
2CDS 274 001 R0064
55071 0
8
S 204 M-C 8
2CDS 274 001 R0084
55072 7
10
S 204 M-C 10
2CDS 274 001 R0104
55073 4
13
S 204 M-C 13
2CDS 274 001 R0134
55074 1
16
S 204 M-C 16
2CDS 274 001 R0164
55075 8
20
S 204 M-C 20
2CDS 274 001 R0204
55076 5
25
S 204 M-C 25
2CDS 274 001 R0254
55077 2
32
S 204 M-C 32
2CDS 274 001 R0324
55078 9
40
S 204 M-C 40
2CDS 274 001 R0404
55079 6
50
S 204 M-C 50
2CDS 274 001 R0504
54403 0
63
S 204 M-C 63
2CDS 274 001 R0634
54404 7
C
Selection table
Miniature circuit-breakers
S 200 series M
S 200 M-C
2
3
4
suitable for flow-type heaters 12 kW
suitable for flow-type heaters 21, 24 and 27 kW
suitable for flow-type heaters 18 kW
UBmax 125 V ... with 2 poles connected in series
UBmax
440 V
60 V ...
UBmax
440 V
125 V ...
UBmax
440 V
125 V ...
UBmax
440 V
10000
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com