Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 13 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 13 Page - ABB

Back Button FS201 Datasheet HTML 9Page - ABB FS201 Datasheet HTML 10Page - ABB FS201 Datasheet HTML 11Page - ABB FS201 Datasheet HTML 12Page - ABB FS201 Datasheet HTML 13Page - ABB FS201 Datasheet HTML 14Page - ABB FS201 Datasheet HTML 15Page - ABB FS201 Datasheet HTML 16Page - ABB FS201 Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
System
pro M compact ®
Miniature circuit-breakers
S 200/S 200 M series
Diagrams of let-through values I2 t at 230/400 VAC
Miniature circuit-breakers S 200 B/C, D on request
Miniature circuit-breakers S 200 K
Miniature circuit-breakers S 200 Z
Miniature circuit-breakers S 200 M B/C
➀
min. pre-arcing I2t, e.g. In = 80 A gL
➁
max. let-through I2t MCB e.g. B20 A
q
Fuse-MCB, selectivity with respect to the upstream fuse to the point of intersection of both curves ➀ and ➁.
e.g. S 200-B20 to fuse 80 A: selectivity up to 3.5 kA min.
q
Let-through value I2t reduced:
127 V
by factor 2.5
110 V
by factor 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com