Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 23 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 23 Page - ABB

Back Button FS201 Datasheet HTML 19Page - ABB FS201 Datasheet HTML 20Page - ABB FS201 Datasheet HTML 21Page - ABB FS201 Datasheet HTML 22Page - ABB FS201 Datasheet HTML 23Page - ABB FS201 Datasheet HTML 24Page - ABB FS201 Datasheet HTML 25Page - ABB FS201 Datasheet HTML 26Page - ABB FS201 Datasheet HTML 27Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23
System
pro M compact ®
Residual-current-operated circuit-breakers
F 200 series/FS 201
Test of protective measure
Except for the operating test, the effectiveness of the protection provided within the installation must be tested according to the applicable codes
of practice. For RCD protection, the maximum permissible earthing resistance values are as follows:
max.
max. earthing resistance
touch
at nominal residual current
voltage UL
10 mA
30 mA
100 mA 300 mA 500 mA
25 V
2500
833
250
83
50
50 V
5000
1666
500
166
100
Malfunctioning
The high-quality STOTZ residual-current-operated circuit-breakers are thorougly adjusted and tested in our works. Where damage occurs
(caused e.g. by transport, storage, etc.) no repair work must be undertaken.
If the device responds immediately after putting the RCCB into operation, check the downstream active circuit and any connected current-
consuming apparatus for earth fault current. Remove insulation faults or connections between the neutral conductor and the protective
conductor existing in load circuit. Where the RCCB does not trip in the first operating test after pressing the test button, check first wheth-
er the test circuit is connected correctly.
Where none of the above causes apply, or should the operating test be completed unsuccessfully, the RCCB must be replaced.
Opening the device will lead to a loss of warranty.
TN-S system (protective multiple earthing)
separate neutral and protective conductors
throughout the network
TN-C-S system
neutral and protective conductor (PEN)
combined in one part of the network.
TT system
IT system
The residual-current-operated circuit-breaker trips if a double
fault occurs, as e.g. is indicated as fault 1 and fault 2 above
.
Examples for the protection against electric shock
I„insulation“
C„combined“ PE and N (PEN)
S„separated“ PE and N
„…“
terms used in international IEC standard
only indicated by
line isolation
monitor
Explanation of type codes
L1, L2, L3
„line“ phase conductor
PE
„protection earth“
N„neutral“
PEN
PE and N combined
T„terre“ direct bond to earth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com