Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS201 Datasheet(PDF) 6 Page - ABB

Part # FS201
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FS201 Datasheet(HTML) 6 Page - ABB

Back Button FS201 Datasheet HTML 2Page - ABB FS201 Datasheet HTML 3Page - ABB FS201 Datasheet HTML 4Page - ABB FS201 Datasheet HTML 5Page - ABB FS201 Datasheet HTML 6Page - ABB FS201 Datasheet HTML 7Page - ABB FS201 Datasheet HTML 8Page - ABB FS201 Datasheet HTML 9Page - ABB FS201 Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
System
pro M compact ®
Miniature circuit-breakers
The offer at a glance
Description
The MCBs of the S 200/S 200 M series have a cur-
rent-limiting effect. They have two different trip releases
acting on the contact mechanism
1. the delayed thermal release providing overload
protection
2. the electromagnetic instantaneous release with
“hammer trip” solenoid providing fault current
protection.
They offer:
b high short-circuit capacity
b high selectivity for back-up fuse
b In case of short-circuit, low stress
on the cable in the point of fault due
to the high limitation of the let-through
ƒi2dt (current heating value).
Task
To protect against excessive temperature rises of
electric items in the case of overcurrents caused by
overload, short circuit of earth-fault current if assi-
gned according to DIN VDE 0100 Part 430. Protec-
tion against electric shock in the case of excessive
touch voltage caused by insulation fault if assigned
according to DIN VDE 0100 Part 410.
Trip charcteristics
B
C
IK ·
2 = peak value of prospective short circuit current
iD
= max. let-through current of device S 200/S 200 M
Un
= system voltage
UB
= arc voltage of MCB
tK
= breaking time of MCB
Oscillogram of rupturing process
Trip charcteristics and rated current
Independent of the type of characteristic, national codes of practice provide what highest rated current
and/or performance characteristic can be assigned to the conductor cross section to be protected (e.g.
DIN VDE 0100 Part 430).
The following assignment rules apply: Ib
In
Iz; I2
1,45 · Iz
Ib = operating current of the circuit to be expected
In = rated current of the MCB of characteristics type B, C, D, K and Z
Iz = permissible current loading of lines
I2 = conventional tripping current
B-, C- and D-type trip characteristics for line protection
Tripping behaviour according to DIN VDE 0641 Part 11.
Rated current 6 ... 63 A, (C 0,5 ... 63 A). The introduction of these trip characteristics enables direct
assignments of MCBs to the permissible load of lines I z according to DIN VDE 0298 Part 4/11.98, as the
second condition is already fulfilled (I2 = 1.45 · In).
K-type trip characteristics
Tripping behaviour according to DIN VDE 0660 Part 101 and IEC 947-2, rated current 0.5 ... 63 A,
for circuits where current-consuming appartus cause functional current peaks and for the overcurrent
protection of lines.
Z-type trip characteristics
Tripping behaviour according to DIN VDE 0660 Part 101 and IEC 947-2
Rated current 0.5 ... 63 A in 17 grades. For the protection of semiconductors and measuring circuits with
transformers.
K
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com