Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 116Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 117Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 118Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 119Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 120Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 121Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 122Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 123Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 120 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.5
A/D Conversion Characteristics
Note 1. When PCLKD was higher than 40 MHz, 1000 pF capacitors were placed in parallel with the 0.1-µF capacitors between AVCC0 and
AVSS0, AVCC1 and AVSS1, and AVCC2 and AVSS2 for measurement of the A/D conversion characteristics.
Note 2. The conversion time is the sum of the sampling time and the comparison time. The numbers of sampling-clock cycles are
indicated as the test conditions.
Table 2.44
12-Bit A/D (Unit 0, 1, 2) Conversion Characteristics (1)
Conditions: VCC = 2.7 to 5.5 V, 4.5 V ≤ AVCC0 = AVCC1 = AVCC2 ≤ 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr, PCLKB = PCLKD = 8 to 60 MHz*1,
Source impedance = 1.0 kΩ
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
12
12
12
Bit
Analog input capacitance
—
—
30
pF
Conversion time*2
(Operation at
PCLKD = 60 MHz)
AN000 to AN002,
AN100 to AN102
Channel-dedicated
sample-and-hold
circuits in use
Constant
sampling
enabled
1.00
—
—
µs
 Sampling time: 24 PCLKD
Constant
sampling
disabled
1.40
—
—
 Sampling time of channel-dedicated
sample-and-hold circuits: 24 PCLKD
 Sampling time: 24 PCLKD
Channel-dedicated sample-and-
hold circuits not in use
0.90
—
—
 Sampling time: 30 PCLKD
AN003, AN103
0.90
—
—
 Sampling time: 30 PCLKD
AN200 to AN211
0.95
—
—
 Sampling time: 33 PCLKD
AN216 to AN217
1.05
—
—
 Sampling time: 39 PCLKD
Offset error
Channel-dedicated sample-and-
hold circuits in use
—
±1.5
±6.0
LSB
AN000 to AN002, AN100 to AN102 =
0.2 V
Channel-dedicated sample-and-
hold circuits not in use
—
±1.5
±5.0
Full-scale error
Channel-dedicated sample-and-
hold circuits in use
—
±1.5
±5.5
LSB
AN000 to AN002 = AVCC0 – 0.2 V
AN100 to AN102 = AVCC1 – 0.2 V
Channel-dedicated sample-and-
hold circuits not in use
—
±1.5
±4.5
Quantization error
Channel-dedicated sample-and-
hold circuits in use
—
±0.5
—
LSB
Channel-dedicated sample-and-
hold circuits not in use
—±0.5
—
Absolute accuracy
AN000 to AN002,
AN100 to AN102
Channel-dedicated sample-and-
hold circuits in use
—
±3.0
±6.0
LSB
Channel-dedicated sample-and-
hold circuits not in use
—
±2.5
±5.5
AN003, AN103
—
±2.5
±5.5
AN200 to AN211
—
±2.5
±5.5
AN216 to AN217
—
±2.5
±6.5
DNL differential nonlinearity error
Channel-dedicated sample-and-
hold circuits in use
—
±1.0
±2.5
LSB
Channel-dedicated sample-and-
hold circuits not in use
—
±1.0
±1.5
INL integral nonlinearity error
Channel-dedicated sample-and-
hold circuits in use
—
±1.5
±4.0
LSB
Channel-dedicated sample-and-
hold circuits not in use
—
±1.5
±2.5
Holding time of the channel-dedicated sample-and-hold circuit
—
—
20
µs
Dynamic range
AN000 to AN002
Channel-dedicated sample-and-
hold circuits in use
0.2
—
AVCC0
– 0.2
V
AN100 to AN102
Channel-dedicated sample-and-
hold circuits in use
0.2
—
AVCC1
– 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com