Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 117Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 118Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 119Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 120Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 121Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 122Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 123Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 124Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 121 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Note 1. The conversion time is the sum of the sampling time and the comparison time. The numbers of sampling-clock cycles are
indicated as the test conditions.
Table 2.45
12-Bit A/D (Unit 0, 1, 2) Conversion Characteristics (2)
Conditions: VCC = 2.7 to 4.5 V, 3.0 V ≤ AVCC0 = AVCC1 = AVCC2 < 4.5V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr, PCLKB = PCLKD = 8 to 40 MHz,
Source impedance = 1.0 kΩ
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
12
12
12
Bit
Analog input capacitance
—
—
30
pF
Conversion time*1
(Operation at
PCLKD = 40 MHz)
AN000 to AN002,
AN100 to AN102
Channel-dedicated
sample-and-hold
circuits in use
Constant
sampling
enabled
1.35
—
—
µs
 Sampling time: 18 PCLKD
Constant
sampling
disabled
1.80
—
—
 Sampling time of channel-dedicated
sample-and-hold circuits: 18 PCLKD
 Sampling time: 18 PCLKD
Channel-dedicated sample-and-
hold circuits not in use
1.13
—
—
 Sampling time: 21 PCLKD
AN003, AN103
1.13
—
—
 Sampling time: 21 PCLKD
AN200 to AN211
1.20
—
—
 Sampling time: 24 PCLKD
AN216 to AN217
1.28
—
—
 Sampling time: 27 PCLKD
Offset error
Channel-dedicated sample-and-
hold circuits in use
—
±1.5
±7.5
LSB
AN000 to AN002,
AN100 to AN102 = 0.2 V
Channel-dedicated sample-and-
hold circuits not in use
—
±1.5
±6.5
Full-scale error
Channel-dedicated sample-and-
hold circuits in use
—
±1.5
±7.5
AN000 to AN002 = AVCC0 – 0.2 V
AN100 to AN102 = AVCC1 – 0.2 V
Channel-dedicated sample-and-
hold circuits not in use
—
±1.5
±6.5
Quantization error
Channel-dedicated sample-and-
hold circuits in use
—±0.5
—
Channel-dedicated sample-and-
hold circuits not in use
—±0.5
—
Absolute accuracy
AN000 to AN002,
AN100 to AN102
Channel-dedicated sample-and-
hold circuits in use
—
±4.0
±8.0
Channel-dedicated sample-and-
hold circuits not in use
—
±2.5
±7.0
AN003, AN103
—
±2.5
±7.0
AN200 to AN211
—
±2.5
±7.0
AN216 to AN217
—
±2.5
±8.0
DNL differential nonlinearity error
Channel-dedicated sample-and-
hold circuits in use
—
±1.0
±4.5
Channel-dedicated sample-and-
hold circuits not in use
—
±1.0
±3.5
INL integral nonlinearity error
Channel-dedicated sample-and-
hold circuits in use
—
±2.0
±5.0
Channel-dedicated sample-and-
hold circuits not in use
—
±1.5
±3.5
Channel-dedicated sample-and-hold characteristics of hold circuits
—
—
20
µs
Dynamic range
AN000 to AN002
Channel-dedicated sample-and-
hold circuits in use
0.2
—
AVCC0
– 0.2
V
AN100 to AN102
Channel-dedicated sample-and-
hold circuits in use
0.2
—
AVCC1
– 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com