Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 121Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 122Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 123Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 124Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 125Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 126Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 127Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 128Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 125 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.8
D/A Conversion Characteristics
2.9
Temperature Sensor Characteristics
Note 1. Set the S12AD2.ADSSTRT register such that the sampling time of the 12-bit A/D converter satisfies this specification.
Table 2.49
D/A Conversion Characteristics
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
12
12
12
Bit
Absolute accuracy
—
—
±6.0
LSB
2-MΩ resistive load, 10-bit
conversion
Differential nonlinearity error (DNL)
—
±1.0
±2.0
LSB
2-MΩ resistive load
Output resistance (Ro)—
5.7
—
kΩ
Conversion time
—
—
3
µs
20-pF capacitive load
Table 2.50
Temperature Sensor Characteristics
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
PCLKB = PCLKD = 8 to 60 MHz
Item
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
—
±1.0
—
°C
Temperature slope
—
–2.0
—
mV/°C
Output voltage
—
0.63
—
V
Ta = 25°C
Temperature sensor start time
—
—
200
µs
Sampling time*1
3—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com