Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 122Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 123Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 124Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 125Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 126Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 127Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 128Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 129Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 126 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.10
Power-on Reset Circuit and Voltage Detection Circuit Characteristics
Note:
The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet1,
and Vdet2 for the POR/ LVD.
Figure 2.79
Power-on Reset Timing
Table 2.51
Power-on Reset Circuit and Voltage Detection Circuit Characteristics
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection level
Power-on reset (POR)
VPOR
2.46
2.58
2.70
V
Figure 2.79
Voltage detection circuit
(LVD0)
Vdet0_1
4.04
4.22
4.40
Figure 2.80
Vdet0_2
2.71
2.83
2.95
Voltage detection circuit
(LVD1)
Vdet1_0
4.39
4.57
4.75
Figure 2.81
Vdet1_1
4.29
4.47
4.65
Vdet1_2
4.14
4.32
4.50
Vdet1_3
2.81
2.93
3.05
Vdet1_4
2.76
2.88
3.00
Voltage detection circuit
(LVD2)
Vdet2_0
4.39
4.57
4.75
Figure 2.82
Vdet2_1
4.29
4.47
4.65
Vdet2_2
4.14
4.32
4.50
Vdet2_3
2.81
2.93
3.05
Vdet2_4
2.76
2.88
3.00
Internal reset time
Power-on reset time
tPOR
—
15.5
—
ms
Figure 2.79
LVD0 reset time
tLVD0
—
0.70
—
Figure 2.80
LVD1 reset time
tLVD1
—
0.57
—
Figure 2.81
LVD2 reset time
tLVD2
—
0.57
—
Figure 2.82
Minimum VCC down time
tVOFF
200
—
—
µs
Figure 2.79,
Figure 2.80
Response delay time
tdet
—
—
200
µs
Figure 2.79 to
Figure 2.82
LVD operation stabilization time (after LVD is enabled)
Td(E-A)
—
—
20
µs
Figure 2.81,
Figure 2.82
Hysteresis width (LVD1 and LVD2)
V LVH
—80
—
mV
Internal reset signal
(Low is valid)
VCC
tVOFF
tdet tPOR
tdet
tPOR
tdet
VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com