Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 126Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 127Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 128Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 129Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 130Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 131Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 132Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 133Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 130 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.12
Flash Memory Characteristics
Note 1. Definition of program/erase cycle:
The program/erase cycle is the number of erasing for each block. When the number of program/erase cycles is n, each block
can be erased n times. For instance, when 256-byte program is performed 32 times for different addresses in 8-Kbyte block and
then the block is erased, the program/erase cycle is counted as one. However, the same address cannot be programmed more
than once before the next erase cycle (overwriting is prohibited).
Note 2. Characteristics are degraded as the number of program/erase increases. This is the minimum value of program/erase cycles to
guarantee all characteristics listed in this table.
Note 3. This shows the characteristic when the flash memory writer or self-programming library from Renesas Electronics is in use, and
the number of times programming and erasure proceed does not exceed the specified value.
Note 4. These values are based on the results of reliability testing.
Table 2.53
Code Flash Memory Characteristics
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Temperature range for program/erase: Ta = Topr
Item
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 60 MHz
Unit
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Program time
(NPEC ≤ 100 cycles)
128 bytes
tP128
—0.66
11
—
0.3
5
ms
8 Kbytes
tP8K
—37
176
—17
80
16 Kbytes
tP16K
—75
352
—34
160
Program time
(NPEC > 100 cycles)
128 bytes
tP128
—
0.71
13
—
0.32
6
ms
8 Kbytes
tP8K
—46
212
—21
96
16 Kbytes
tP16K
—92
425
—42
193
Erase time
(NPEC ≤ 100 cycles)
4 Kbytes
tE4K
—43
108
—24
60
ms
16 Kbytes
tE16K
—
142
432
—
79
240
Erase time
(NPEC > 100 cycles)
4 Kbytes
tE4K
—50
130
—28
72
ms
16 Kbytes
tE16K
—
169
520
—
94
288
Program/erase cycles*1
NPEC
1000*2
—
—
1000*2
——
Cycles
Program suspend latency
tSPD
—
—
264
—
—
120
µs
Primary erase suspend latency in
suspend priority mode
tSESD1
—
—
216
—
—
120
Secondary erase suspend latency in
suspend priority mode
tSESD2
——
1.7
——
1.7
ms
Erase suspend latency in erase
priority mode
tSEED
——
1.7
——
1.7
ms
Forced stop command
tFD
——
32
——
20
µs
Data retention*3, *4
tDRP
20
—
—
20
—
—
Year
Ta ≤ 85°C
10
——
10
——
Ta ≤ 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com