Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 129Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 130Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 131Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 132Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 133Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 134Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 135Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 136Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 133 of 142
Oct 31, 2024
RX26T Group
Appendix 1. Package Dimensions
Appendix 1. Package Dimensions
Information on the latest version of the package dimensions or mountings has been displayed in “Packages” on Renesas
Electronics Corporation website.
Figure A 100-Pin LFQFP (PLQP0100KB-B)
MASS (Typ) [g]
0.6
Unit: mm
Previous Code
RENESAS Code
PLQP0100KB-B
—
JEITA Package Code
P-LFQFP100-14x14-0.50
D
E
A2
HD
HE
A
A1
bp
c
e
x
y
Lp
L1
13.9
13.9
15.8
15.8
0.05
0.15
0.09
0
0.45
Min
Nom
Dimensions in millimeters
Reference
Symbol
Max
14.0
14.0
1.4
16.0
16.0
0.20
3.5
0.5
0.6
1.0
14.1
14.1
16.2
16.2
1.7
0.15
0.27
0.20
8
0.08
0.08
0.75
NOTE)
1. DIMENSIONS “*1” AND “*2” DO NOT INCLUDE MOLD FLASH.
2. DIMENSION “*3” DOES NOT INCLUDE TRIM OFFSET.
3. PIN 1 VISUAL INDEX FEATURE MAY VARY, BUT MUST BE
LOCATED WITHIN THE HATCHED AREA.
4. CHAMFERS AT CORNERS ARE OPTIONAL, SIZE MAY VARY.
HD
Lp
L1
Detail F
D
75
76
100
26
25
1
50
51
F
NOTE 4
NOTE 3
Index area
*1
*3
bp
e
yS
S
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com