Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 153Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 154Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 155Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 156Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 157Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 158Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 159Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 160Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 157 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.9
Power-on Reset Circuit and Voltage Detection Circuit Characteristics
Note:
The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet1,
and Vdet2 for the POR/ LVD.
Note 1. The low power consumption function is disabled and DEEPCUT[1:0] = 00b or 01b.
Note 2. The low power consumption function is enabled and DEEPCUT[1:0] = 11b.
Figure 2.93
Power-on Reset Timing
Table 2.58
Power-on Reset Circuit and Voltage Detection Circuit Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Voltage detection
level
Power-on
reset (POR)
Low power consumption
function disabled*1
VPOR
2.5
2.6
2.7
V
Figure 2.93
Low power consumption
function enabled*2
1.8
2.25
2.7
Voltage detection circuit (LVD0)
Vdet0_1
2.84
2.94
3.04
Figure 2.94
Vdet0_2
2.77
2.87
2.97
Vdet0_3
2.70
2.80
2.90
Voltage detection circuit (LVD1)
Vdet1_1
2.89
2.99
3.09
Figure 2.95
Vdet1_2
2.82
2.92
3.02
Vdet1_3
2.75
2.85
2.95
Voltage detection circuit (LVD2)
Vdet2_1
2.89
2.99
3.09
Figure 2.96
Vdet2_2
2.82
2.92
3.02
Vdet2_3
2.75
2.85
2.95
Internal reset time
Power-on reset time
tPOR
—
4.6
—
ms
Figure 2.93
LVD0 reset time
tLVD0
—
0.70
—
Figure 2.94
LVD1 reset time
tLVD1
—
0.57
—
Figure 2.95
LVD2 reset time
tLVD2
—
0.57
—
Figure 2.96
Minimum VCC down time
tVOFF
200
—
—
µs
Figure 2.93,
Figure 2.94
Response delay time
tdet
—
—
200
µs
Figure 2.93 to
Figure 2.96
LVD operation stabilization time (after LVD is enabled)
td(E-A)
—
—
10
µs
Figure 2.95,
Figure 2.96
Hysteresis width (LVD1 and LVD2)
V LVH
—70
—
mV
Internal reset signal
(Low is valid)
VCC
tVOFF
tdet tPOR
tdet
tPOR
tdet
VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com